Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2618 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2618
Description  Miniature PWM Controller for Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2618 Datasheet HTML 1Page - Semtech Corporation SC2618 Datasheet HTML 2Page - Semtech Corporation SC2618 Datasheet HTML 3Page - Semtech Corporation SC2618 Datasheet HTML 4Page - Semtech Corporation SC2618 Datasheet HTML 5Page - Semtech Corporation SC2618 Datasheet HTML 6Page - Semtech Corporation SC2618 Datasheet HTML 7Page - Semtech Corporation SC2618 Datasheet HTML 8Page - Semtech Corporation SC2618 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2618
Block Diagram
Pin Configuration
Ordering Information
Pin Descriptions
Notes:
(1) Only available in tape and reel packaging. A reel contains
3000 devices.
(2) SC2618SKTRT is the lead free version. This product is fully
WEEE and RoHS compliant.
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
T
R
T
K
S
8
1
6
2
C
S
)
2
(
)
1
(
6
-
3
2
T
O
S
TOP VIEW
3
1
GND
(SOT-23 6L)
5
DH
6
4
BST
2
VCC
DL
FB
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1L
D.
t
u
p
t
u
o
e
v
i
r
d
T
E
F
e
d
i
s
w
o
L
2D
N
G
.
s
e
n
il
e
d
i
u
g
t
u
o
y
a
l
e
e
s
,
e
n
a
l
p
d
n
u
o
r
g
o
t
y
l
t
c
e
r
i
d
t
c
e
n
n
o
c
,
d
n
u
o
r
G
r
e
w
o
P
d
n
a
g
o
l
a
n
A
3C
C
V.
y
l
p
p
u
s
e
v
i
r
d
T
E
F
e
d
i
S
w
o
L
d
n
a
e
g
a
t
l
o
V
t
u
p
n
I
y
l
p
p
u
S
p
i
h
C
4B
F.
t
u
p
n
i
k
c
a
b
d
e
e
F
5T
S
B.
r
e
v
i
r
d
e
t
a
g
h
g
i
h
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
S
6H
D.
t
u
p
t
u
o
e
v
i
r
d
T
E
F
e
d
i
S
h
g
i
H
LEVEL SHIFT AND
HIGH SIDE DRIVE
SHOOT-THRU
CONTROL
SYNCHRONOUS
MOSFET DRIVE
DRIVE
LOGIC
S
Q
R
Q
Q
S
Q
R
UVLO
SOFT START
VCC
FB
BST
DH
DL
GND
VREF
200mV
SSRESET
SSBEGIN
SSOVER
RESTART
LATCH
FAULT
LATCH
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com