Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 1 Page - Semtech Corporation

  SC804A Datasheet HTML 1Page - Semtech Corporation SC804A Datasheet HTML 2Page - Semtech Corporation SC804A Datasheet HTML 3Page - Semtech Corporation SC804A Datasheet HTML 4Page - Semtech Corporation SC804A Datasheet HTML 5Page - Semtech Corporation SC804A Datasheet HTML 6Page - Semtech Corporation SC804A Datasheet HTML 7Page - Semtech Corporation SC804A Datasheet HTML 8Page - Semtech Corporation SC804A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
www.semtech.com
SC804A
Fully Integrated 4.4V Lithium-Ion
Battery Charger System with Timer
PRELIMINARY
POWER MANAGEMENT
July 18, 2007
Typical Application Circuit
Applications
Description
Features
The SC804A is a fully integrated full-feature, single cell
constant-current/constant-voltage (CC/CV) 4.4V Lithium-
Ion battery charger.
With an integrated timer and
complete charge control algorithm, the SC804A is ideal for
stand-alone charger applications. The SC804A contains
programmable pre-charge, fast-charge and termination
current settings. The SC804A can be programmed to
terminate charging based on the output current or the
time-out of the programmable timer. The fast charge
current is typically set with an external resistor, but it can
also be adjusted by applying an analog voltage to the AFC
pin. This feature allows use of a microcontroller to set
charging current via a DAC output.
The SC804A’s 14V input voltage range eliminates the
need for additional protection circuitry required by other
5V chargers to protect against faulty adapters.
The
SC804A also incorporates an under-voltage lockout falling
threshold of 3V so that charging will continue if the input
supply goes into a current-limited mode.
Reference ground and battery sense inputs are provided
to eliminate voltage drops during charging due to high
charging currents.
The output voltage to the battery is controlled to within
1% of the programmed voltage. The SC804A can also
function as a general purpose current source or as a
current source for charging nickel-cadmium (NiCd) and
nickel-metal-hydride (NiMH) batteries.
Typical Application Circuit
Fully integrated charger with FET pass transistor,
reverse-blocking diode, sense resistor, timer, and
thermal protection
Battery voltage controlled to 1% accuracy
Programmable precharge, fastcharge & termination
current over wide range, with analog current control
reference input for design flexibility
Up to 1.5A continuous charge current
Input voltage range from 3V to 14V
Soft-start reduces start-of-charge adapter
load transients
NTC thermistor sense input and adjustable cold
temperature threshold
Adjustable 2 - 6 hour programmable charge timer
0.1μA battery drain current in shutdown and monitor
modes
Small 4mm x 4mm 16 lead MLPQ package
Over-current protection in all modes
Over-voltage protection
Remote Kelvin sensing at the battery terminals
Status indicators for charger-present, charger-active,
over-voltage fault, and error notification
Cellular phones
PDAs
Handheld meters
Charging stations
Handheld computers
Digital cameras
Programmable current
source
VCC
14
OVPB
13
3
IPRGM
7
NTC
CPB
CHRGB
RTIM
CTO
11
10
12
2
ITERM
4
FLTB
8
6
GND
5
RGND
BSEN
VOUT
VOUT
AFC
1
16
15
9
SC804A
C1
2.2
μF
R3
Battery
Red
Green
Charger VIN
RT
NTC
R1
R2
DAC ISET
C2
2.2
μF
R4
R5
R6
ERROR
OV_FLT


Similar Part No. - SC804A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804EVB SEMTECH-SC804EVB Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804IMLTRT SEMTECH-SC804IMLTRT Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
More results

Similar Description - SC804A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Semtech Corporation
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com