Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC480 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 9Page - Semtech Corporation SC480 Datasheet HTML 10Page - Semtech Corporation SC480 Datasheet HTML 11Page - Semtech Corporation SC480 Datasheet HTML 12Page - Semtech Corporation SC480 Datasheet HTML 13Page - Semtech Corporation SC480 Datasheet HTML 14Page - Semtech Corporation SC480 Datasheet HTML 15Page - Semtech Corporation SC480 Datasheet HTML 16Page - Semtech Corporation SC480 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
Application Information (Cont.)
Switching Frequency
Switching frequency determines the trade-off between
size and effi ciency. Higher frequency increases switch-
ing losses in the MOSFETs, since losses are a function of
F*VIN2. Knowing the maximum input voltage and budget
for MOSFET switches usually dictates the final design.
Inductor Ripple Current
Low inductor values result in smaller size, but create high-
er ripple current and are less efficient because of the high
AC current flowing in the inductor. Higher inductor values
do reduce the ripple current and are more efficient, but
are larger and more costly. The selection of the ripple cur-
rent is based on the maximum output current and tends
to be between 20% to 50% of the maximum load current.
Again, cost, size and efficiency all play a part in the selec-
tion process.
Stability Considerations
Unstable operation shows up in two related but distinctly
different ways: double pulsing and fast-feedback loop in-
stability. Double-pulsing occurs due to noise on the output
or because the ESR is too low, causing insufficient voltage
ramp in the output signal. This causes the error amplifier to
trigger prematurely after the 400ns minimum off-time has
expired. Double-pulsing will result in higher ripple voltage at
the output, but in most cases is harmless. In some cases,
however, double-pulsing can indicate the presence of loop
instability, which is caused by insufficient ESR. One simple
way to solve this problem is to add some trace resistance
in the high current output path. A side effect of doing this
is output voltage droop with load. Another way to eliminate
doubling-pulsing is to add a 10pF capacitor across the
upper feedback resistor divider network. This is shown in
Figure 6, by capacitor C4 in the schematic. This capacitance
should be left out until confirmation that double-pulsing ex-
ists. Adding this capacitance will add a zero in the transfer
function and should eliminate the problem. It is best to
leave a spot on the PCB in case it is needed.
Loop instability can cause oscillations at the output as a
response to line or load transients. These oscillations can
trip the over-voltage protection latch or cause the output
voltage to fall below the tolerance limit.
The best way for checking stability is to apply a zero to
full load transient and observe the output voltage ripple
envelope for overshoot and ringing. Over one cycle of
ringing after the initial step is a sign that the ESR should
be increased.
FBK
+5V
+
C1
8
9
10
11
12
13
14
PGND
DL
VDDP
ILIM
LX
DH
BST
+VIN
R2
C2
Q2
L1
Q1
R1
0.5V - 5.5V
C4
10pF
D2
D1
R3
+
C3
SC480
Figure 6
SC480 ESR Requirements
The constant on-time control used in the SC480 regulates
the ripple voltage at the output capacitor. This signal
consists of a term generated by the output ESR of the
capacitor and a term based on the increase in voltage
across the capacitor due to charging and discharging
during the switching cycle. The minimum ESR is set to
generate the required ripple voltage for regulation. For most
applications the minimum ESR ripple voltage is dominated
by PCB layout and the properties of SP or POSCAP type
output capacitors. For applications using ceramic output
capacitors, the absolute minimum ESR must be considered.
If the ESR is low enough the ripple voltage is dominated
by the charging of the output capacitor. This ripple voltage
lags the on-time due to the LC poles and can cause double
pulsing if the phase delay exceeds the off-time of the
converter. Referring to Figure 5 on Page 11, the equation
for the minimum ESR as a function of output capacitance
and switching frequency and duty cycle is:
D
1
2
Fs
Cout
2
Fs
200000
-
Fs
3
1
1.5V
VOUT
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com