Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC480 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 2 Page - Semtech Corporation

  SC480 Datasheet HTML 1Page - Semtech Corporation SC480 Datasheet HTML 2Page - Semtech Corporation SC480 Datasheet HTML 3Page - Semtech Corporation SC480 Datasheet HTML 4Page - Semtech Corporation SC480 Datasheet HTML 5Page - Semtech Corporation SC480 Datasheet HTML 6Page - Semtech Corporation SC480 Datasheet HTML 7Page - Semtech Corporation SC480 Datasheet HTML 8Page - Semtech Corporation SC480 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
POWER MANAGEMENT
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied. Exposure to absolute maximum rated conditions for extended periods of time may affect device reliability.
TEST CONDITIONS: V
IN = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ. TAMB = -40 TO +85C.
Parameter
Symbol
Maximum
Units
TON to VSSA
-0.3 to +25.0
V
DH, BST to PGND1
-0.3 to +31.0
V
BST, DH to LX
-0.3 to +6.0
V
LX to PGND1
-2.0 to +25.0
V
DL, ILIM, VDDP to PGND1
-0.3 to +6.0
V
VDDP to DL
-0.3 to +6.0
V
VTTIN to PGND2; VTT to PGND2; VTTIN to VTT
-0.3 to +6.0
V
EN/PSV, FB, PGD, REF, VCCA, VDDQS, VTTEN, VTTS to VSSA
-0.3 to +6.0
V
VCCA to EN/PSV, FB, REF, VDDQS, VTT, VTTEN, VTTIN, VTTS
-0.3 to +6.0
V
PGND1 to PGND2; PGND1 to VSSA; PGND2 to VSSA
-0.3 to +0.3
V
Thermal Resistance Junction to Ambient(1)
θ
JA
29
°C/W
Operating Junction Temperature Range
T
J
-40 to +150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Peak IR Reflow Temperature, 10s - 40s
T
PKG
260
°C
ESD Protection Level(2)
V
ESD
2kV
Parameter
Conditions
25°C
-40°C to 85°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VCCA Operating Current
S0 State (VTT on);
EN/PSV = VCCA;
FB > Regulation Point, IVDDQ = 0A
1500
2500
μA
VCCA Operating Current
S3 State (VTT off);
EN/PSV = VCCA;
FB > Regulation Point, IVDDQ = 0A
800
1400
μA
VCCA Operating Voltage
5
4.5
5.5
V
VDDP Operating Current
FB > Regulation Point, IVDDQ = 0A
70
150
μA
TON Operating Current
RTON = 1MΩ
15
μA
VTTIN Operating Current
IVTT = 0A
1
5
μA
VCCA + VDDP + TON
Shutdown Current
EN/PSV = VTTEN = 0V
5
11
μA
VTTIN Shutdown Current
EN/PSV = VTTEN = 0V
1
μA
Notes:
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B.
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com