Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC480 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 17Page - Semtech Corporation SC480 Datasheet HTML 18Page - Semtech Corporation SC480 Datasheet HTML 19Page - Semtech Corporation SC480 Datasheet HTML 20Page - Semtech Corporation SC480 Datasheet HTML 21Page - Semtech Corporation SC480 Datasheet HTML 22Page - Semtech Corporation SC480 Datasheet HTML 23Page - Semtech Corporation SC480 Datasheet HTML 24Page - Semtech Corporation SC480 Datasheet HTML 25Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
Typical Characteristics
1.8V Efficiency vs. Output Current
Powersave Mode
1.8V Efficiency vs. Output Current
Continuous Conduction Mode
2.5V Efficiency vs. Output Current
Powersave Mode
50%
60%
70%
80%
90%
100%
024
6
8
10
IOUT (A)
VBAT = 20
VBAT = 10
50%
60%
70%
80%
90%
100%
02468
10
IOUT (A)
VBAT = 20
VBAT = 10
50%
60%
70%
80%
90%
100%
02468
10
IOUT (A)
VBAT = 10
VBAT = 20
50%
60%
70%
80%
90%
100%
02
46
8
10
IOUT (A)
2.5V Efficiency vs. Output Current
Continuous Conduction Mode
VBAT = 20
VBAT = 10
1.5V Efficiency vs. Output Current
Powersave Mode
1.5V Efficiency vs. Output Current
Continuous Conduction Mode
50%
60%
70%
80%
90%
100%
024
68
10
IOUT (A)
VBAT = 20
VBAT = 10
50%
60%
70%
80%
90%
100%
02
46
8
10
IOUT (A)
VBAT = 10
VBAT = 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com