Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176TSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1176TSTRT
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176TSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1176TSTRT Datasheet HTML 1Page - Semtech Corporation SC1176TSTRT Datasheet HTML 2Page - Semtech Corporation SC1176TSTRT Datasheet HTML 3Page - Semtech Corporation SC1176TSTRT Datasheet HTML 4Page - Semtech Corporation SC1176TSTRT Datasheet HTML 5Page - Semtech Corporation SC1176TSTRT Datasheet HTML 6Page - Semtech Corporation SC1176TSTRT Datasheet HTML 7Page - Semtech Corporation SC1176TSTRT Datasheet HTML 8Page - Semtech Corporation SC1176TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1176/SC1176A
Dual Synchronous Voltage Mode
Controller with Current Sharing Circuitry
Description
Features
Applications
Revision: June 29, 2006
The SC1176 is a versatile 2 phase, synchronous, volt-
age mode PWM controller that may be used in two dis-
tinct ways. First, the SC1176 is ideal for applications
where point of use output power exceeds any single in-
put power budget. Alternatively, the SC1176 can be used
as a dual switcher. The SC1176 features a temperature
compensated voltage reference, over current protection
with 50% fold-back and internal level-shifted, high-side
drive circuitry.
In current sharing configuration, the SC1176 can pro-
duce a single output voltage from two separate voltage
sources (which can be different voltage levels) while
maintaining current sharing between the channels. Cur-
rent sharing is programmable to allow loading each input
supply as required by the application.
In dual switcher configuration, two feedback paths are
provided for independent control of the separate out-
puts. The device will provide a regulated output from
flexibly configured inputs (3.3V, 5V, 12V), provided 5V is
present for V
CC. The two switchers are 180° out of phase
to minimize input and output ripple.
The SC1176A has the phases of the Master and the Slave
inverted.
It offers a different pattern for ripple cancellation and
prevents phase fold back during current limit.
The two chips are pin compatible.
300kHz fixed frequency operation
Soft Start and Enable function
Power Good output provided
Over current protection with 50% fold-back
Phase-shifted switchers minimize ripple
High efficiency operation, >90%
Programmable output(s) as low as .9V
Industrial temperature range
SOIC-20 or TSSOP-20 pin Lead free package. This
product is fully WEEE and RoHS compliant
Two Phase, Current Sharing Controller
Flexible, same or separate V
IN
Programmable current sharing
Combined current limit with fold-back
2 phases operating opposed for ripple reduction
Thermal distribution via multi-phase output
Two Independent PWM Controllers
Flexible, same or separate V
IN
Independent control for each channel
Independent and separate current limit
2 phases operating opposed for ripple reduction (if
same V
IN used)
Graphics cards
DDR Memory
Peripheral add-in card
SSTL Termination
Dual-Phase power supply
Power supplies requiring two outputs


Similar Part No. - SC1176TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1176TS.TR SEMTECH-SC1176TS.TR Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC1176TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com