Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176TSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1176TSTRT
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176TSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1176TSTRT Datasheet HTML 13Page - Semtech Corporation SC1176TSTRT Datasheet HTML 14Page - Semtech Corporation SC1176TSTRT Datasheet HTML 15Page - Semtech Corporation SC1176TSTRT Datasheet HTML 16Page - Semtech Corporation SC1176TSTRT Datasheet HTML 17Page - Semtech Corporation SC1176TSTRT Datasheet HTML 18Page - Semtech Corporation SC1176TSTRT Datasheet HTML 19Page - Semtech Corporation SC1176TSTRT Datasheet HTML 20Page - Semtech Corporation SC1176TSTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
70
75
80
85
90
95
100
01
2
3456
OUTPUT CURRENT
Vin = 12V Vout =
2.0V
Vin = 5V
Vout =
1.25V
The Independent Channels Evaluation Board is not intended for a specific application. The power components are
not optimized for minimum cost and size. This evaluation board should be used to understand the operation of the
SC1176. To design with the SC1176 for specific independent channels applications. Please refer to: Application
note AN00-4.
Typical Characteristics - 2 Independent Channels Efficiency Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com