Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176TSTRT Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC1176TSTRT
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176TSTRT Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC1176TSTRT Datasheet HTML 15Page - Semtech Corporation SC1176TSTRT Datasheet HTML 16Page - Semtech Corporation SC1176TSTRT Datasheet HTML 17Page - Semtech Corporation SC1176TSTRT Datasheet HTML 18Page - Semtech Corporation SC1176TSTRT Datasheet HTML 19Page - Semtech Corporation SC1176TSTRT Datasheet HTML 20Page - Semtech Corporation SC1176TSTRT Datasheet HTML 21Page - Semtech Corporation SC1176TSTRT Datasheet HTML 22Page - Semtech Corporation SC1176TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Outline Drawing - SOIC-20
01
ccc
aaa
bbb
MAX
DIMENSIONS
A1
e
L
N
L1
h
c
E1
E
D
b
A2
MIN
DIM
A
INCHES
NOM
MILLIMETERS
NOM
MIN
MAX
REFERENCE JEDEC STD MS-013, VARIATION AC.
4.
E
.041
.013
.104
.100
.012
2.35
-
(1.04)
-
1.04
0.33
-
-
-
2.65
2.55
0.30
.030
.010
-
0.75
0.25
-
h
h
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
e/2
bbb
C A-B D
SEE DETAIL
A
L
(L1)
0.25
PLANE
GAGE
c
01
(.041)
.013
-
.004
-
-
-
-
-
0°
.016
.008
.081
.004
.093
8°
0°
0.33
0.10
-
8°
0.40
0.20
2.05
0.10
.050 BSC
.406 BSC
20
.010
.291 .295
.012
-
20
0.25
1.27 BSC
10.30 BSC
7.50
-
.299 7.40
.020 0.31
7.60
0.51
.504
2X N/2 TIPS
SEATING
aaa C
E/2
ccc C
2X
2
13
N
A
A2
A1
bxN
D
E1
.500
12.70
.508
12.80 12.90
PLANE
DETAIL
A
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 307A.
2.
(.362)
(9.20)
Z
G
Y
P
(C)
7.00
.276
1.27
.050
0.60
.024
2.20
.087
11.40
.449
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
Land Pattern - SOIC-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com