Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS123 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS123
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS123 Datasheet(HTML) 2 Page - SYC Electronica

  74LS123 Datasheet HTML 1Page - SYC Electronica 74LS123 Datasheet HTML 2Page - SYC Electronica 74LS123 Datasheet HTML 3Page - SYC Electronica 74LS123 Datasheet HTML 4Page - SYC Electronica 74LS123 Datasheet HTML 5Page - SYC Electronica 74LS123 Datasheet HTML 6Page - SYC Electronica 74LS123 Datasheet HTML 7Page - SYC Electronica 74LS123 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description
The basic output pulse width is determined by selection of
an external resistor (RX) and capacitor (CX). Once trig-
gered, the basic pulse width may be extended by retrigger-
ing the gated active-LOW transition or active-HIGH
transition inputs or be reduced by use of the active-LOW or
CLEAR input. Retriggering to 100% duty cycle is possible
by application of an input pulse train whose cycle time is
shorter than the output cycle time such that a continuous
“HIGH” logic state is maintained at the “Q” output.
Operating Rules
1. An external resistor (RX) and an external capacitor (CX)
are required for proper operation. The value of CX may
vary from 0 to any necessary value. For small time con-
stants high-grade mica, glass, polypropylene, polycar-
bonate, or polystyrene material capacitors may be
used. For large time constants use tantalum or special
aluminum capacitors. If the timing capacitors have
leakages approaching 100 nA or if stray capacitance
from either terminal to ground is greater than 50 pF the
timing equations may not represent the pulse width the
device generates.
2. When an electrolytic capacitor is used for CX a switch-
ing diode is often required for standard TTL one-shots
to prevent high inverse leakage current. This switching
diode is not needed for the DM74LS123 one-shot and
should not be used. In general the use of the switching
diode is not recommended with retriggerable operation.
Furthermore, if a polarized timing capacitor is used on
the DM74LS123 the negative terminal of the capacitor
should be connected to the “CEXT” pin of the device
(Figure 1).
FIGURE 1.
3. For CX >> 1000 pF the output pulse width (tW) is
defined as follows:
tW = KRX CX
where [RX is in kΩ]
[CX is in pF]
[tW is in ns]
K
≈ 0.37
4. The multiplicative factor K is plotted as a function of CX
below for design considerations:
FIGURE 2.
5. For CX < 1000 pF see Figure 3 for tW vs. CX family
curves with RX as a parameter:
FIGURE 3.
6. To obtain variable pulse widths by remote trimming, the
following circuit is recommended:
FIGURE 4.
“Rremote” should be as close to the device pin as possible.
7. The retriggerable pulse width is calculated as shown
below:
T
= t
W + tPLH = K × RX × CX + tPLH
The retriggered pulse width is equal to the pulse width
plus a delay time period (Figure 5).
FIGURE 5.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com