Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS123 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS123
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS123 Datasheet(HTML) 1 Page - SYC Electronica

  74LS123 Datasheet HTML 1Page - SYC Electronica 74LS123 Datasheet HTML 2Page - SYC Electronica 74LS123 Datasheet HTML 3Page - SYC Electronica 74LS123 Datasheet HTML 4Page - SYC Electronica 74LS123 Datasheet HTML 5Page - SYC Electronica 74LS123 Datasheet HTML 6Page - SYC Electronica 74LS123 Datasheet HTML 7Page - SYC Electronica 74LS123 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LS123
Dual Retriggerable One-Shot
with Clear and Complementary Outputs
General Description
The DM74LS123 is a dual retriggerable monostable multi-
vibrator capable of generating output pulses from a few
nano-seconds to extremely long duration up to 100% duty
cycle. Each device has three inputs permitting the choice of
either leading edge or trailing edge triggering. Pin (A) is an
active-LOW transition trigger input and pin (B) is an active-
HIGH transition trigger input. The clear (CLR) input termi-
nates the output pulse at a predetermined time indepen-
dent of the timing components. The clear input also serves
as a trigger input when it is pulsed with a low level pulse
transition (
). To obtain the best trouble free operation
from this device please read the operating rules as well as
the Fairchild Semiconductor one-shot application notes
carefully and observe recommendations.
Features
s DC triggered from active-HIGH transition or active-LOW
transition inputs
s Retriggerable to 100% duty cycle
s Compensated for VCC and temperature variations
s Triggerable from CLEAR input
s DTL, TTL compatible
s Input clamp diodes
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Can Be Either LOW or HIGH
↑ = Positive Going Transition
↓ = Negative Going Transition
= A Positive Pulse
= A Negative Pulse
Order Number
Package Number
Package Description
DM74LS123M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS123SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS123N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
CLEAR
A
B
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
↑
H
↓
H
↑
LH
www.sycelectronica.com.ar


Similar Part No. - 74LS123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS123 TI-74LS123 Datasheet
460Kb / 12P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Fairchild Semiconductor
74LS123 FAIRCHILD-74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
More results

Similar Description - 74LS123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
One-Shot with Clear and Complementary Outputs
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com