Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS123 Datasheet(PDF) 3 Page - SYC Electronica

Part # 74LS123
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS123 Datasheet(HTML) 3 Page - SYC Electronica

  74LS123 Datasheet HTML 1Page - SYC Electronica 74LS123 Datasheet HTML 2Page - SYC Electronica 74LS123 Datasheet HTML 3Page - SYC Electronica 74LS123 Datasheet HTML 4Page - SYC Electronica 74LS123 Datasheet HTML 5Page - SYC Electronica 74LS123 Datasheet HTML 6Page - SYC Electronica 74LS123 Datasheet HTML 7Page - SYC Electronica 74LS123 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Operating Rules (Continued)
8. Output pulse width variation versus VCC and tempera-
tures: Figure 6 depicts the relationship between pulse
width variation versus VCC, and Figure 7 depicts pulse
width variation versus temperatures.
FIGURE 6.
FIGURE 7.
9. Under any operating condition CX and RX must be kept
as close to the one-shot device pins as possible to min-
imize stray capacitance, to reduce noise pick-up, and
to reduce I-R and Ldi/dt voltage developed along their
connecting paths. If the lead length from CX to pins (6)
and (7) or pins (14) and (15) is greater than 3 cm, for
example, the output pulse width might be quite different
from values predicted from the appropriate equations.
A non-inductive and low capacitive path is necessary to
ensure complete discharge of CX in each cycle of its
operation so that the output pulse width will be accu-
rate.
10. The CEXT pins of this device are internally connected to
the internal ground. For optimum system performance
they should be hard wired to the system’s return
ground plane.
11. VCC and ground wiring should conform to good high-
frequency standards and practices so that switching
transients on the VCC and ground return leads do not
cause interaction between one-shots. A 0.01
µF to 0.10
µF bypass capacitor (disk ceramic or monolithic type)
from VCC to ground is necessary on each device. Fur-
thermore, the bypass capacitor should be located as
close to the VCC-pin as space permits.
Note: For further detailed device characteristics and output per-
formance please refer to the Fairchild Semiconductor one-shot
application note AN-372.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com