Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC338 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC338
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC338 Datasheet HTML 6Page - Semtech Corporation SC338 Datasheet HTML 7Page - Semtech Corporation SC338 Datasheet HTML 8Page - Semtech Corporation SC338 Datasheet HTML 9Page - Semtech Corporation SC338 Datasheet HTML 10Page - Semtech Corporation SC338 Datasheet HTML 11Page - Semtech Corporation SC338 Datasheet HTML 12Page - Semtech Corporation SC338 Datasheet HTML 13Page - Semtech Corporation SC338 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC338(A)
PRELIMINARY
POWER MANAGEMENT
Applications Infomation (Cont.)
need to be located right next to the power devices. Thus
very accurate output voltages can be obtained since
changes due to heating effects will be minimal.
The 0.1µF bypass capacitor should be located close to
the supply (IN) and GND pins, and connected directly to
the ground plane.
The feedback resistors should be located at the device,
with the sense line from the output routed from the load
(or top end of the droop resistor if passive droop is being
used) directly to the feedback chain. If passive droop is
being used, the droop resistor should be located right at
the load to avoid adding additional unplanned droop.
Sense and drive lines should be routed away from noisy
traces or components.
For very low input to output voltage differentials, the
input to output / load path should be as wide and short
as possible. Where greater headroom is available, wide
traces may suffice.
Power dissipation within the device is practically
negligible, thus requiring no special consideration during
layout. The MOSFET pass devices should be laid out
according to the manufacturer’s guidelines for the power
being dissipated within them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com