Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC338 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC338
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC338 Datasheet HTML 6Page - Semtech Corporation SC338 Datasheet HTML 7Page - Semtech Corporation SC338 Datasheet HTML 8Page - Semtech Corporation SC338 Datasheet HTML 9Page - Semtech Corporation SC338 Datasheet HTML 10Page - Semtech Corporation SC338 Datasheet HTML 11Page - Semtech Corporation SC338 Datasheet HTML 12Page - Semtech Corporation SC338 Datasheet HTML 13Page - Semtech Corporation SC338 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
 2004 Semtech Corp.
www.semtech.com
SC338(A)
POWER MANAGEMENT
Output Rise Time At Startup vs. Soft Start
Capacitance vs. Input Voltage
Typical Characteristics (Cont.)
0.1
1
10
100
0.1
1
10
100
CDRV (nF)
VEN = 5V
TJ = 25°C
VOUT = 1.05V
COUT = 100µF, 25mΩ
IOUT = 0A
MOSFET = IRF7311
VIN = 5V
VIN = 12V
V
IN = 5V, 1.2V in to 1.05V out
I
OUT = 0.01A to 2.51A to 0.01A
C
OUT = 2 x 100µF, 25mΩ
Trace 1: V
OUT, 20mV/div., offset 1V
Trace 2: V
DRV, 2V/div.
Trace 3: 1.2V in, 50mV/div., offset 1V
Trace 4: load FET drain
Timebase: 20µs/div.
Load rise/fall times
≥ 35A/µs
Load Transient Response, No Passive Droop
V
IN = 5V, 1.2V in to 1.05V out
I
OUT = 0.01A to 2.51A to 0.01A
C
OUT = 1 x 100µF, 25mΩ
R
DROOP = 20mΩ
Trace 1: V
OUT, 20mV/div., offset 1V
Trace 2: not connected
Trace 3: 1.2V in, 50mV/div., offset 1V
Trace 4: load FET drain
Timebase: 20µs/div.
Load rise/fall times
≥ 35A/µs
Load Transient Response, With Passive Droop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com