Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC338 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC338
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338 Datasheet(HTML) 2 Page - Semtech Corporation

  SC338 Datasheet HTML 1Page - Semtech Corporation SC338 Datasheet HTML 2Page - Semtech Corporation SC338 Datasheet HTML 3Page - Semtech Corporation SC338 Datasheet HTML 4Page - Semtech Corporation SC338 Datasheet HTML 5Page - Semtech Corporation SC338 Datasheet HTML 6Page - Semtech Corporation SC338 Datasheet HTML 7Page - Semtech Corporation SC338 Datasheet HTML 8Page - Semtech Corporation SC338 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
 2004 Semtech Corp.
www.semtech.com
SC338(A)
PRELIMINARY
POWER MANAGEMENT
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
2
.
3
1
+
o
t
3
.
0
-V
s
n
i
P
e
v
ir
DV
V
R
D
0
.
8
+
o
t
3
.
0
-V
s
n
i
P
d
o
o
G
r
e
w
o
P
d
n
a
t
s
u
j
d
AV
J
D
A
V
,
D
G
P
5
.
5
+
o
t
3
.
0
-
)
1
(
V
s
n
i
P
e
l
b
a
n
EV
N
E
V
o
t
3
.
0
-
N
I
V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
3
1
1W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
2
4W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
I
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
5
.
42
.
3
1
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
N
I
V
5
=0
0
5
0
0
7
A
µ
V
N
I
V
2
1
=0
0
6
0
0
9
A
µ
t
n
e
r
r
u
C
y
b
d
n
a
t
SI
)
F
F
O
(
Q
w
o
l
N
E
h
t
o
B1
.
0
0
.
1
A
µ
V
,
w
o
l
N
E
h
t
o
B
N
I
V
2
1
=
0
.
5
1
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
O
L
V
U
V
N
I
g
n
i
s
ir5
7
.
3V
s
i
s
e
r
e
t
s
y
HV
T
S
Y
H
V
N
I
g
n
il
l
a
f0
5
.
0V
N
E
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
EV
H
I
n
o
t
u
p
t
u
O
3
.
1
V
V
L
I
ff
o
t
u
p
t
u
O
7
.
0
Electrical Characteristics
Unless specified: T
A = 25°C, VIN = VEN = 5V ± 5%, VPWR
(1)
= 1.5V
± 5%, 0A
≤ I
OUT ≤ 3A.
Values in bold apply over full operating ambient temperature range.
Note:
(1) Or V
IN, if VIN = 5V.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com