Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612STRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4612STRT
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612STRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4612STRT Datasheet HTML 16Page - Semtech Corporation SC4612STRT Datasheet HTML 17Page - Semtech Corporation SC4612STRT Datasheet HTML 18Page - Semtech Corporation SC4612STRT Datasheet HTML 19Page - Semtech Corporation SC4612STRT Datasheet HTML 20Page - Semtech Corporation SC4612STRT Datasheet HTML 21Page - Semtech Corporation SC4612STRT Datasheet HTML 22Page - Semtech Corporation SC4612STRT Datasheet HTML 23Page - Semtech Corporation SC4612STRT Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
Application Information (Cont.)
Efficiency:
Application Circuit 4: Vin = 5V; Vout = 1.35V @ 12A, Fsw = 1MHz.
Q1
HAT2168H
Q2
HAT2168H
L1
0.47uH@15A
C10
0.1
C11
100/6.3_1210_cer
+
_
+
_
Vin=5V
Vout=1.35@12A
R3
10k
R5
8.87k
C6
1
C2
82p
C9
100/6.3_1210_cer
C3
0.1
R6
13.3k
C4
1n
D1
SD107WS
C8
2.2
C5
33p
ILIM
1
PHASE
12
OSC
2
SS/EN
3
FB
5
VDD
6
GND
7
DL
8
DRV
9
BST
10
DH
11
EAO
4
U1
SC4612MLP
R7
649
C7
510p
R2
825k
Fsw=1MHz
SC4612: 5Vin, 1.35Vout @ 12A
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
01
2345
6
789
10 11 12 13
Current, (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com