Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC470 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC470 Datasheet HTML 10Page - Semtech Corporation SC470 Datasheet HTML 11Page - Semtech Corporation SC470 Datasheet HTML 12Page - Semtech Corporation SC470 Datasheet HTML 13Page - Semtech Corporation SC470 Datasheet HTML 14Page - Semtech Corporation SC470 Datasheet HTML 15Page - Semtech Corporation SC470 Datasheet HTML 16Page - Semtech Corporation SC470 Datasheet HTML 17Page - Semtech Corporation SC470 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Application Information (Cont.)
This calculation assumes the absolute worst-case
condition of a full-load to no-load step transient occurring
when the inductor current is at its highest. The
capacitance required for smaller transient steps may be
calculated by substituting the desired current for the I
OUT
term.
For our example:
C
OUT(MIN) = 595µF.
We will select 440µF, using two 220µF, 25m
Ω
capacitors in parallel. For smaller load release overshoot,
660µF may be used.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
()
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
•
−
•
=
For our example:
I
IN(RMS) = 2.14ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10µF,
1210 size, 25V ceramic capacitor can handle a little more
than 2A
RMS (Refer to manufacturer’s data sheets).
Finally, we calculate the current limit resistor value. As
described in the current limit section, the current limit
looks at the “valley current”, which is the average output
current minus half the ripple current. We use the
maximum room temperature specification for MOSFET
R
DS(ON) at VGS = 4.5V for purposes of this calculation:
A
2
I
I
I
)
MIN
(
VBAT
_
RIPPLE
OUT
VALLEY
−
=
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under
normal operating conditions.
()
Ohms
10
10
4
.
1
R
2
.
1
I
R
6
)
ON
(
DS
VALLEY
ILIM
−
•
•
•
•
=
For our example:
I
VALLEY = 5.13A, RDS(ON) = 9mΩ and RILIM = 7.76kΩ
We select the next lowest 1% resistor value: 7.68k
Ω
Adding an Additional Output Voltage For Dynamic
Voltage Switching
If we design this output to be capable of dynamically
switching between 1.2V and 1.0V, then we would repeat
these calculations to determine if any components need
changing. The 1.0V output suggests a value for C
TOP of
82pF, but the value of 56pF required by the 1.2V design
should work fine, and can always be increased if neces-
sary. Also, the current limit resistor required is slightly
higher: R
ILIM = 7.87kΩ. The higher value should be used.
Lastly, the bottom feedback resistor, R
BOT will need to
change to 20.0k
Ω. The schematic in Figure 8 on Page
17 shows the complete design.
Dynamically Switching Output Voltages
It is important to note that in order for dynamic output
voltage switching to work, the SC470 must be in
Continuous Conduction Mode (EN/PSV = floating) when
transitioning from V
OUT(HIGH) to VOUT(LOW). Otherwise the
SC470 has no means to discharge the output voltage
and may OVP and latch off when this transition is initiated
(depending upon the difference between the two
voltages). If CCM is on, the SC470 will actively discharge
the output down to the correct voltage.
Dynamically switching output voltages is very easy,
requiring one switch to add or remove an additional
resistor in parallel to the bottom feedback resistor. Ideally,
the resistor will be switched using an open drain output
from another IC, as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com