Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC470 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC470 Datasheet HTML 18Page - Semtech Corporation SC470 Datasheet HTML 19Page - Semtech Corporation SC470 Datasheet HTML 20Page - Semtech Corporation SC470 Datasheet HTML 21Page - Semtech Corporation SC470 Datasheet HTML 22Page - Semtech Corporation SC470 Datasheet HTML 23Page - Semtech Corporation SC470 Datasheet HTML 24Page - Semtech Corporation SC470 Datasheet HTML 25Page - Semtech Corporation SC470 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Typical Characteristics
1.2V Efficiency (Power Save Mode)
vs. Output Current vs. Input Voltage
1.2V Efficiency (Continuous Conduction Mode)
vs. Output Current vs. Input Voltage
1.2V Output Voltage (Power Save Mode)
vs. Output Current vs. Input Voltage
1.2V Output Voltage (Continuous Conduction Mode)
vs. Output Current vs. Input Voltage
1.2V Switching Frequency (Power Save Mode)
vs. Output Current vs. Input Voltage
1.2V Switching Frequency (Continuous Conduction
Mode) vs. Output Current vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
0
123
45
6
IOUT (A)
VBAT = 20V
VBAT = 8V
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
1.220
01
234
5
6
IOUT (A)
VBAT = 20V
VBAT = 8V
0
50
100
150
200
250
300
350
400
0
123
45
6
IOUT (A)
VBAT = 20V
VBAT = 8V
50
55
60
65
70
75
80
85
90
95
100
0
123
45
6
IOUT (A)
VBAT = 8V
VBAT = 20V
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
1.220
01
234
5
6
IOUT (A)
VBAT = 20V
VBAT = 8V
0
50
100
150
200
250
300
350
400
0
123
45
6
IOUT (A)
VBAT = 20V
VBAT = 8V
Please refer to Figure 8 on Page 17 for test schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com