Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC470 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SC470 Datasheet HTML 23Page - Semtech Corporation SC470 Datasheet HTML 24Page - Semtech Corporation SC470 Datasheet HTML 25Page - Semtech Corporation SC470 Datasheet HTML 26Page - Semtech Corporation SC470 Datasheet HTML 27Page - Semtech Corporation SC470 Datasheet HTML 28Page - Semtech Corporation SC470 Datasheet HTML 29Page - Semtech Corporation SC470 Datasheet HTML 30Page - Semtech Corporation SC470 Datasheet HTML 31Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Outline Drawing - TSSOP-14
Marking Information - TSSOP-14
Top Mark
Bottom
yyww = Datecode (Example: 9812)
xxxxxx = Semtech Lot # (Example: 81101)
SC470I
xxxxxx
yyww
NOM
INCHES
DIMENSIONS
c
N
ccc
aaa
bbb
01
E
L1
L
e
E1
D
MIN
A
A1
A2
b
DIM
MILLIMETERS
MIN
MAX
NOM MAX
E
REFERENCE JEDEC STD MO-153, VARIATION AB-1.
4.
GAGE
PLANE
SEE DETAIL
DETAIL
A
A
0.25
.026 BSC
.252 BSC
14
.004
.169
.193
.173
.197
.007
-
14
0.10
0.65 BSC
6.40 BSC
4.40
5.00
-
.177
.201
4.30
4.90
.012 0.19
4.50
5.10
0.30
PIN 1
INDICATOR
SEATING
bbb
C A-B D
ccc C
PLANE
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
D
0°
.008
-
.004
.018
.003
(.039)
.024
-
.031
.002
-
-
-
-
0.10
0.20
8°
0°
-
8°
0.60
(1.0)
.030
.007
0.45
0.09
.047
.042
.006
0.80
0.05
-
0.20
0.75
-
1.05
0.15
1.20
-
-
-
bxN
A
A2
A1
E/2
2X
E1
2X N/2 TIPS
12 3
aaa C
L
(L1)
c
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com