Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
HT82K94E/HT82K94A
Rev. 1.50
20
October 11, 2007
Func. Name
R/W
Description
CRC_ERR
R/W
This bit is used to indicate there are CRCerror (bit=1). Firmware must do something to
save the device and keep it in good condition.
This bit is set by SIE and cleared by F/W.
EOT
R
End of transaction flag, normal status is 1. If suspend=
¢1¢ line & EOT=¢0¢ indicates that
something is wrong in the USB Interface. Firmware in-charge must do something to
save the device and keep it in good condition.
NMI
R/W
This bit is used to control whether the USB interrupt is output to the MCU in NAK re-
sponse to the PC Host IN or OUT token.
1: has only USB interrupt, data is transmitted to the PC host or data is received from
the PC Host
0: always has USB interrupt if the USB accesses FIFO0
Default 0
SIES Function
MISC register combines a command and status to control desired endpoint FIFO action and to show the status of the
desired endpoint FIFO. The MISC will be cleared by USB reset signal.
Bit No.
Label
R/W
Function
0
REQ
R/W
After setting the other status of the desired one in the MISC, endpoint FIFO can be
requested by setting this bit to
²1². After the job has been done, this bit has to be
cleared to
²0².
1
TX
R/W
This bit defines the direction of data transferring between MCU and endpoint FIFO.
When the TX is set to
²1², this means that the MCU wants to write data to the end-
point FIFO. After the job has been done, this bit has to be cleared to
²0² before termi-
nating request to represent the end of transferring. For reading action, this bit has to
be cleared to
²0² to represent that MCU wants to read data from the endpoint FIFO
and has to be set to
²1² after the job is done.
2
CLEAR
R/W
Clear the requested endpoint FIFO, even if the endpoint FIFO is not ready.
4
3
SELP1
SELP0
R/W
Defines which endpoint FIFO is selected, SELP1,SELP0:
00: endpoint FIFO0
01: endpoint FIFO1
10: endpoint FIFO2
11: endpoint FIFO3
5
SCMD
R/W
Used to show that the data in endpoint FIFO is a SETUP command. This bit has to
be cleared by firmware. That is to say, even the MCU is busy, the device will not miss
any SETUP commands from the host.
6
READY
R
Read only status bit, this bit is used to indicate that the desired endpoint FIFO is
ready to work.
7
LEN0
R/W
Used to indicate that a 0-sized packet is sent from a host to the MCU. This bit should
be cleared by firmware.
MISC (46H) Register
The MCU can communicate with the endpoint FIFO by setting the corresponding registers, of which address is listed in
the following table. After reading the current data, next data will show after 2
ms, used to check the endpoint FIFO status
and response to MISC register, if read/write action is still going on.
Registers
R/W
Bank
Address
Bit7~Bit0
FIFO0
R/W
1
48H
Data7~Data0
FIFO1
R/W
1
49H
Data7~Data0
FIFO2
R/W
1
4AH
Data7~Data0
FIFO3
R/W
1
4BH
Data7~Data0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com