Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K94A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
HT82K94E/HT82K94A
USB Multimedia Keyboard Encoder 8-Bit MCU
Rev. 1.50
1
October 11, 2007
General Description
This device is an 8-bit high performance RISC architec-
ture microcontroller designed for USB product applica-
tions. It is particularly suitable for use in products such
as keyboards and keyboard with calculator. A HALT fea-
ture is included to reduce power consumption.
The mask version HT82K94A is fully pin and function-
ally compatible with the OTP version HT82K94E device.
The HT82K94A is under development and will be avail-
able soon.
Features
· Operating voltage:
fSYS=6M/12MHz: 2.2V~5.5V
· 40 bidirectional I/O lines (max.)
· 8-bit programmable timer/event counter with
overflow interrupt (shared with PD4, vector 08H)
· 16-bit programmable timer/event counter and
overflow interrupts (shared with PA7, vector 0CH)
· Crystal oscillator (6MHz or 12MHz)
· Watchdog Timer
· PS2 and USB modes supported
· USB 2.0 low speed function
· 4 endpoints supported (endpoint 0 included)
· 6144´16 program memory ROM
· 224´8 data memory RAM
· One internal USB interrupt (vector 04H)
· All I/O ports support wake-up options
· HALT function and wake-up feature reduce power
consumption
· 8-level subroutine nesting
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Bit manipulation instruction
· 16-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Optional 3-battery mode 2.4V LVR/2.6V LVD (±0.1V)
by option, Low battery detector with internal bit
· Optional 2-battery mode 2.2V LVR/2.4V LVD (±0.1V)
by option, Low battery detector with internal bit
· Operating voltage from 4.0V to 5.5V
(For Connect USB/PS2 Mode)
· Operating voltage from 2.2V to 3.3V
(For Pure Cal. Mode)
· 48-pin SSOP package
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT82K94A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K94A HOLTEK-HT82K94A Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 22, 2005
HT82K94A HOLTEK-HT82K94A Datasheet
261Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
More results

Similar Description - HT82K94A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 22, 2005
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 24, 2005
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
HT82K96A HOLTEK-HT82K96A Datasheet
348Kb / 46P
USB Multimedia Keyboard Encoder 8-Bit Mask MCU
August 25, 2006
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95EE HOLTEK-HT82K95EE_12 Datasheet
325Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com