Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HT82K94E/HT82K94A
Rev. 1.50
21
October 11, 2007
There are some timing constrains and usages illustrated here. By setting the MISC register, MCU can perform reading,
writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writing
and clearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay 2ms, check 41H®read* from FIFO0 register and
check not ready (01H)
®03H®02H
Write FIFO1 sequence
0AH
®0BH®delay 2ms, check 4BH®write* to FIFO1 register and
check not ready (0BH)
®09H®08H
Check whether FIFO0 can be read or not
00H
®01H®delay 2ms, check 41H (ready) or 01H (not ready)®00H
Check whether FIFO1 can be written or not
0AH
®0BH®delay 2ms, check 4BH (ready) or 0BH (not ready)®0AH
Read 0-sized packet sequence form FIFO0
00H
®01H®delay 2ms, check 81H®read once (01H)®03H®02H
Write 0-sized packet sequence to FIFO1
0AH
®0BH®delay 2ms, check 0BH®0FH®0DH®08H
Note:
*: There are 2
ms existing between 2 reading action or between 2 writing action
USB/PS2 Status and Control Register
The register is used to indicate there are USB suspend, USB resume and USB reset signal in USB bus. Also user can
output a high pulse in RMWK bit to wake-up the PC for USB remote function.
Bit No.
Label
R/W
Function
0
SUSP
R
Read only, USB suspend indication. When this bit is set to
²1² (set by SIE), it indi-
cates the USB bus enters suspend mode. The USB interrupt is also triggered on any
changes of this bit.
1
RMWK
W
USB remote wake-up command. It is set by MCU to force the USB host leaving the
suspend mode. When this bit is set to
²1²,2ms delay for clearing this bit to ²0² is
needed to insure the RMWK command is accepted by SIE.
2
URST
R/W
USB reset indication. This bit is set/cleared by USB SIE. This bit is used to detect
which bus (PS2 or USB) is attached. When the URST is set to
²1², this indicates that
a USB reset has occurred (the attached bus is USB) and a USB interrupt will be ini-
tialized.
3
RESUME
R
USB resume indication. When the USB leaves the suspend mode, this bit is set to
²1² (set by SIE). This bit will appear 20ms waiting for the MCU to detect. When the
RESUME is set by the SIE, an interrupt will be generated to wake-up the MCU. In or-
der to detect the suspend state, the MCU should set the USBCKEN and clear
SUSP2 (in SCC register) to enable the SIE detecting function. The RESUME will be
cleared while the SUSP is going
²0². When the MCU is detecting the SUSP, the RE-
SUME (wakes-up the MCU ) should be remembered and taken into consideration.
4
PS2DAI
R
Read only, USBD-/DATA input
5
PS2CKI
R
Read only, USBD+/CLK input
6
PS2DAO
W
Data for driving the USBD-/DATA pin (Default=
²1²)
7
PS2CKO
W
Data for driving the USBD+/CLK pin (Default=
²1²)
USC (1CH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com