Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 1 Page - Semtech Corporation

  SC412A Datasheet HTML 1Page - Semtech Corporation SC412A Datasheet HTML 2Page - Semtech Corporation SC412A Datasheet HTML 3Page - Semtech Corporation SC412A Datasheet HTML 4Page - Semtech Corporation SC412A Datasheet HTML 5Page - Semtech Corporation SC412A Datasheet HTML 6Page - Semtech Corporation SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.semtech.com
1
SC412A
POWER MANAGEMENT
Synchronous Buck Controller
The SC412A is a versatile, constant on-time synchronous
buck, pseudo fixed-frequency, PWM controller intended
for notebook computers and other battery operated
portable devices. The SC412A contains all the features
needed to provide cost-effective control of switch-mode
power outputs.
The output voltage is programmable from 0.75 to 5.25
volts using external resistors. Switching frequency is
internally preset to 325kHz. Additional features cycle-
by-cycle current limit, voltage soft-start, under-voltage
protection, programmable over-current protection, soft
shutdown, automatic power save and non-overlapping
gate drive. The SC412A also provides an enable input
and a power good output.
The constant on-time topology provides fast, dynamic
response. The excellent transient response means that
SC412A based solutions require less output capacitance
than competing fixed-frequency converters. Switching
frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in
output voltage. After the transient event, the controller
frequency returns to steady state operation. At light loads,
the automatic power save mode reduces the switching
frequency for improved efficiency.
Description
September 19, 2006
V
BAT Range 3V to 25V
Soft-Shutoff at Output
Current Sense Using Low-Side R
DS(ON) or Resistor
Sensing with Adjustable Cycle-by-Cycle Current Limit
Fixed-Frequency 325kHz
Constant On-Time for Fast Dynamic Response and
Reduced Output Capacitance
Automatic Smart Power Save†
Internal Soft-Start
Over-Voltage/Under-Voltage Fault Protection
Power Good Output
1μA Typical Shutdown Current
Tiny 3x3mm, 16 Pin MLP, Lead-free Package
Low External Part Count
Industrial Temperature Range
1% Internal Reference
1A/3A Non-Overlapping Gate Drive with SmartDrive™
High Efficiency > 90%
Fully WEEE and RoHS Compliant
†Patent pending
Notebook and Sub-Notebook Voltage Controllers
Tablet PCs
Embedded Applications
Typical Application Circuit
Applications
Features
RLIM
C2
D1
COUT
Q1
CIN
L1
Q2
C1
VOUT
VOUT
PGOOD
VCC
VBAT
EN
VCC
R1
LX
1
BST
2
VCC
3
DL
4
FB
9
VOUT
10
PGOOD
11
EN
12
U1
SC412A
VCC
FB
R2
R3


Similar Part No. - SC412A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
588Kb / 22P
Synchronous Buck Controller
SC412AEVB SEMTECH-SC412AEVB Datasheet
588Kb / 22P
Synchronous Buck Controller
SC412AMLTRT SEMTECH-SC412AMLTRT Datasheet
588Kb / 22P
Synchronous Buck Controller
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
More results

Similar Description - SC412A

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
ON Semiconductor
NCP81148 ONSEMI-NCP81148 Datasheet
189Kb / 11P
Synchronous Buck Controller
January, 2014 ??Rev. P0
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com