Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC411EVB Datasheet HTML 9Page - Semtech Corporation SC411EVB Datasheet HTML 10Page - Semtech Corporation SC411EVB Datasheet HTML 11Page - Semtech Corporation SC411EVB Datasheet HTML 12Page - Semtech Corporation SC411EVB Datasheet HTML 13Page - Semtech Corporation SC411EVB Datasheet HTML 14Page - Semtech Corporation SC411EVB Datasheet HTML 15Page - Semtech Corporation SC411EVB Datasheet HTML 16Page - Semtech Corporation SC411EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Application Information (Cont.)
and,
From these values of tON we can calculate the nominal
switching frequency as follows:
and,
t
ON is generated by a one-shot comparator that samples
V
BAT via RtON, converting this to a current. This current is
used to charge an internal 3.3pF capacitor to V
OUT. The
equations above reflect this along with any internal com-
ponents or delays that influence t
ON. For our example we
select R
tON = 1MΩ:
t
ON_VBAT(MIN) = 563ns and tON_VBAT(MAX) = 255ns
fSW_VBAT(MIN) = 266kHz and fSW_VBAT(MAX) = 235kHz
Now that we know t
ON we can calculate suitable values for
the inductor. To do this we select an acceptable inductor
ripple current. The calculations below assume 50% of I
OUT
which will give us a starting place.
and,
For our example:
L
VBAT(MIN) = 1.3μH and LVBAT(MAX) = 1.6μH
We will select an inductor value of 2.2μH to reduce the
ripple current, which can be calculated as follows:
()Hz
t
V
V
f
)
MIN
(
VBAT
_
ON
)
MIN
(
BAT
OUT
)
MIN
(
VBAT
_
SW
•
=
()Hz
t
V
V
f
)
MAX
(
VBAT
_
ON
)
MAX
(
BAT
OUT
)
MAX
(
VBAT
_
SW
•
=
and,
For our example:
I
RIPPLE_VBAT(MIN) = 1.74AP-P and IRIPPLE_VBAT(MAX) = 2.18AP-P
From this we can calculate the minimum inductor current
rating for normal operation:
For our example:
I
INDUCTOR(MIN) = 7.1A(MIN)
Next we will calculate the maximum output capacitor
equivalent series resistance (ESR). This is determined by
calculating the remaining static and transient tolerance
allowances. Then the maximum ESR is the smaller of the
calculated static ESR (R
ESR_ST(MAX)) and transient ESR
(R
ESR_TR(MAX)):
Where ERR
ST is the static output tolerance and ERRDC is
the DC error. The DC error will be 1.2% plus the tolerance
of the feedback resistors, thus 2.2% total for 1% feedback
resistors.
For our example:
ERR
ST = 48mV and ERRDC = 26.4mV, therefore,
R
ESR_ST(MAX) = 19.8mΩ
Where ERR
TR is the transient output tolerance. Note that
this calculation assumes that the worst case load tran-
sient is full load. For half of full load, divide the I
OUT term
by 2.
)
MIN
(
)
MAX
(
VBAT
_
RIPPLE
)
MAX
(
OUT
)
MIN
(
INDUCT OR
A
2
I
I
I
+
=
()
Ohms
I
2
ERR
ERR
R
)
MAX
(
VBAT
_
RIPPLE
DC
ST
)
MAX
(
ST
_
ESR
•
−
=
()
Ohms
2
I
I
ERR
ERR
R
)
MAX
(
VBAT
_
RIPPLE
OUT
DC
TR
)
MAX
(
TR
_
ESR
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
=
tON_VBAT(MAX) = 3.3 10
-12
RtON + 37 103
VOUT
VBAT(MAX) + 50 10
-9
s
LVBAT(MIN) = VBAT(MIN) VOUT
tON_VBAT(MIN)
0.5 IOUT
H
LVBAT(MAX) = VBAT(MAX) VOUT
tON_VBAT(MAX)
0.5 IOUT
H
tON_VBAT(MIN)
AP-P
IRIPPLE_VBAT(MIN) = VBAT(MIN) VOUT
L
AP-P
L
IRIPPLE_VBAT(MAX) = VBAT(MAX) VOUT
tON_VBAT(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com