Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC411EVB Datasheet HTML 1Page - Semtech Corporation SC411EVB Datasheet HTML 2Page - Semtech Corporation SC411EVB Datasheet HTML 3Page - Semtech Corporation SC411EVB Datasheet HTML 4Page - Semtech Corporation SC411EVB Datasheet HTML 5Page - Semtech Corporation SC411EVB Datasheet HTML 6Page - Semtech Corporation SC411EVB Datasheet HTML 7Page - Semtech Corporation SC411EVB Datasheet HTML 8Page - Semtech Corporation SC411EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time
may affect device reliability.
Test Conditions: V
BAT = 15V, EN/PSV = 5V, VCCA = VDDP = 5V, VOUT =1.25V, RTON = 1MΩ.
Parameter
Conditions
25°C
-40°C to 125°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VCCA
5.0
4.5
5.5
V
VDDP
5.0
4.5
5.5
V
VBAT Voltage
Off-time > 800ns
1.8
25
V
VDDP Operating Current
FB > regulation point,
I
LOAD = 0A
70
150
μA
VCCA Operating Current
FB > regulation point,
I
LOAD = 0A
700
1100
μA
Notes:
1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
2) Calculated from package in still air, mounted to 3” to 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51
standards.
Parameter
Symbol
Maximum
Units
TON to VSSA
-0.3 to +25.0
V
DH, BST to PGND
-0.3 to +30.0
V
LX to PGND
-2.0 to +25.0
V
PGND to VSSA
-0.3 to +0.3
V
BST to LX
-0.3 to +6.0
V
DL, ILIM, VDDP to PGND
-
0.3 to +6.0
V
EN/PSV, FB, PGD, VCCA, VOUT to VSSA
-0.3 to +6.0
V
VCCA to EN/PSV, FB, PGD, VOUT
-0.3 to +6.0
V
Thermal Resistance Junction to Ambient
(2)
(2)
θ
JA
31
°C/W
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
IR Reflow (Soldering) 10s to 30s
T
PKG
260
°C
Absolute Maximum Ratings(1)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com