Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC411EVB Datasheet HTML 17Page - Semtech Corporation SC411EVB Datasheet HTML 18Page - Semtech Corporation SC411EVB Datasheet HTML 19Page - Semtech Corporation SC411EVB Datasheet HTML 20Page - Semtech Corporation SC411EVB Datasheet HTML 21Page - Semtech Corporation SC411EVB Datasheet HTML 22Page - Semtech Corporation SC411EVB Datasheet HTML 23Page - Semtech Corporation SC411EVB Datasheet HTML 24Page - Semtech Corporation SC411EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Figure 10: Connecting the Control and Power Sections
Q1
IRF7811AV
R4 7k87
L1 2u2
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
Q2
FDS6676S
0402
Phase nodes (black) to be copper islands (preferred) or wide copper traces. Gate drive traces (red) and phase node
traces (blue) to be wide copper traces (L:W < 20:1) and as short as possible, with DL the most critical.
VOUT
VBAT
PGOOD
5VSUS
VBAT
VOUT
5VSUS
0402
0402
0402
0402
0402
0402
0603
0603
0402
0603
SOD323
0402
0603
1210
7343
7343
L1 = 1.5uH Vishay IHLP 5050CE
VBAT = 8V to 20V
VOUT = 1.2V @ 10A
C6, C7 = 470uF / 15milli ohm
Sanyo POS Cap 2R5TPE470MF
D1
D1
+
C6
470u/15m
+
C6
470u/15m
C5
220p
C5
220p
R1
806k
R1
806k
Q2
IRF7832
Q2
IRF7832
C9
1uF
C9
1uF
R5
20k
R5
20k
R3
28k
R3
28k
C4
10u/25V
C4
10u/25V
+
C7
470u/15m
+
C7
470u/15m
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
U1
SC411
R2
10R
R2
10R
R4 7k15
R4 7k15
C3
0u1/25V
C3
0u1/25V
C8
1nF
C8
1nF
C10
1uF
C10
1uF
C1
0u1
C1
0u1
C2
2n2/50V
C2
2n2/50V
L1
1u5
L1
1u5
Q1
IRF7821
Q1
IRF7821
Figure 11: High Efficiency Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com