Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2285PVC-3 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2285PVC-3
Description  100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2285PVC-3 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2285PVC-3 Datasheet HTML 1Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 2Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY2285
4
Function Table: CY2285-1
SEL100
SEL48[4]
TS[4]
SPREAD[4]
CPUCLK[0:1]
PCICLK[1:5],
PCICLK_F
USB_IOCLK
USBCLK
REFCLK [0-1]
X
X
0
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
1
1
1 (no spread)
66.6 MHz
33.3 MHz
24 MHz
48 MHz
14.318 MHz
00
1
0 (–0.6%
downspread)
66.6 MHz
33.3 MHz
48 MHz
48 MHz
14.318 MHz
1
1
1
1 (no spread)
100 MHz
33.3 MHz
24 MHz
48 MHz
14.318 MHz
10
1
0 (–0.6%
downspread)
100 MHz
33.3 MHz
48 MHz
48 MHz
14.318 MHz
Function Table: CY2285-2
SEL100/66[4]
SPREAD
DIV4
CPUCLK [0:1]
PCICLK[1:5],
PCICLK_F,
EPCICLK
USBCLK
REFCLK[0:1]
00 (–0.6% downspread)
1
66.67 MHz
33.3 MHz
48 MHz
14.318 MHz
0
1 (no spread)
1
66.67 MHz
33.3 MHz
48 MHz
14.318 MHz
10 (–0.6% downspread)
1
100 MHz
33.3 MHz
48 MHz
14.318 MHz
1
1 (no spread)
1
100 MHz
33.3 MHz
48 MHz
14.318 MHz
00 (–0.6% downspread)
0
16.67 MHz
8.33 MHz
48 MHz
14.318 MHz
0
1 (no spread)
0
16.67 MHz
8.33 MHz
48 MHz
14.318 MHz
10 (–0.6% downspread)
0
25.0 MHz
8.33 MHz
48 MHz
14.318 MHz
1
1 (no spread)
0
25.0 MHz
8.33 MHz
48 MHz
14.318 MHz
Function Table: CY2285-3
SEL100
SEL48[4]
TS[4]
SPREAD[4]
CPUCLK[0:1]
PCICLK[1:5],
PCICLK_F
USB_IOCLK
USBCLK
REFCLK1
X
X
0
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
1
1
1 (no spread)
66.6 MHz
33.3 MHz
24 MHz
48 MHz
14.318 MHz
00
1
0 (–0.6%
downspread)
66.6 MHz
33.3 MHz
48 MHz
48 MHz
14.318 MHz
1
1
1
1 (no spread)
100 MHz
33.3 MHz
24 MHz
48 MHz
14.318 MHz
10
1
0 (–0.6%
downspread)
100 MHz
33.3 MHz
48 MHz
48 MHz
14.318 MHz
Note:
4.
Power-on strap option.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com