Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2285PVC-3 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2285PVC-3
Description  100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2285PVC-3 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2285PVC-3 Datasheet HTML 1Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 2Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY2285
6
Switching Characteristics[8] Over the Operating Range
Parameter
Output
Description
Test Conditions
Min.
Typ.
Max.
Unit
t1
All
Output Duty Cycle[9]
t1 = t1A ÷ t1B
45
50
55
%
t2
CPUCLK
CPU Clock Rising and
Falling Edge Rate
Between 0.4V and 2.0V
1.0
4.0
V/ns
t2
PCICLK
PCI Clock Rising and
Falling Edge Rate
Between 0.4V and 2.4V
1.0
4.0
V/ns
t2
REF
REF Clock Rising and
Falling Edge Rate
Between 0.4V and 2.4V
0.5
2.0
V/ns
t3
CPUCLK
CPU Clock Rise Time
Between 0.4V and 2.0V
0.4
1.6
ns
t4
CPUCLK
CPU Clock Fall Time
Between 2.0V and 0.4V
0.4
1.6
ns
t5
CPUCLK
CPU-CPU Clock Skew
Measured at 1.25V
100
175
ps
t6
CPUCLK,
PCICLK
CPU-PCI Clock Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
1.5
4.0
ns
t7
PCICLK,
PCICLK
PCI-PCI Clock Skew
Measured at 1.5V
250
ps
t7
EPCICLK,
PCICLK
EPCI-PCI Clock Skew[7]
Measured at 1.5V
1.0
4.0
ns
t10
CPUCLK
Cycle-Cycle Clock Jitter
Measured at 1.25V
700
ps
t11
PCICLK
Cycle-Cycle Clock Jitter
Measured at 1.5V
500
ps
t12
CPUCLK,
PCICLK
Power-up Time
CPU and PCI clock stabilization from
power-up
3
ms
t13
CPUCLK,
PCICLK
/4 Frequency Slew
Time[7]
Time for CPU, EPCI, and PCI clock
frequency to change from f to f/4 after
select input change
10
25
cycles
Notes:
8.
All parameters specified with loaded outputs.
9.
Duty cycle is measured at 1.5V when VDD = 3.3V. When VDD = 2.5V, duty cycle is measured at 1.25V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com