Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2285PVC-3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2285PVC-3
Description  100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2285PVC-3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2285PVC-3 Datasheet HTML 1Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 2Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2285PVC-3 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
100-MHz Pentium®II Clock Synthesizer/Driver
with Spread Spectrum for Mobile PCs
CY2285
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
May 18, 2000
Features
• Mixed 2.5V and 3.3V operation
• Complete clock solution for Pentium® II, and other sim-
ilar processor-based motherboards
— Two CPU clocks at 2.5V up to 100 MHz
— Six synchronous PCI clocks, one free-running
— Two 3.3V Reference clocks at 14.318 MHz
— One 3.3V USB clock running at 48 MHz
— One 3.3V USB/IO clock running at 48 MHz/24 MHz
• Spread Spectrum clocking for EMI control
• 1.5–4.0 ns delay between CPU and PCI clocks
• Power-down, CPU stop and PCI stop pins
• Low skew outputs,
≤ 175 ps between CPU clocks
• Early PCI clock leads PCI by 1–4 ns (-2 option)
•DIV4 allows dynamic shifting of CPU and PCI clocks
from the default frequency to default/4 (-2 option)
• Factory-EPROM programmable output drive and slew
rate for EMI customization
• Available in space-saving 28-pin SSOP package
Functional Description
The CY2285 is a clock synthesizer/driver for Pentium II, or
other similar processor-based mobile PCs requiring up to
100-MHz support. The CY2285 outputs two CPU clocks at
2.5V. There are six PCI clocks, running at one-half or one-third
the CPU clock frequency of 66.6 MHz and 100 MHz respec-
tively. One of the PCI clocks is free-running. Additionally, the
part outputs two 3.3V reference clocks at 14.318 MHz.
The CY2285 provides incorporates the Intel®-defined spread
spectrum features. It provides a –0.6% downspread on the
CPU and PCI clocks, which can help reduce EMI in certain
high-speed systems.
The CY2285 possesses power-down, CPU stop, and PCI stop
pins for power management control. The signals are synchro-
nized on-chip, and ensure glitch-free transitions on the out-
puts. When the CPU_STOP input is asserted, the CPU clock
outputs are driven LOW. When the PCI_STOP input is assert-
ed, the PCI clock outputs (except the free-running PCI clock)
are driven LOW. When the PWR_DWN pin is asserted, the
reference oscillator and PLLs are shut down, and all outputs
are driven LOW.
The CY2285-2 features an early PCI clock which leads the
other PCI clocks by 1–4 ns. The CY2285-2 also features a
DIV4 pin which allows for dynamic shifting of CPU and PCI
clocks from the default frequency to the default/4.
Notes:
1.
One free-running PCI clock.
2.
One early PCI clock.
CY2285 Selector Guide
Clock Outputs
CY2285-1
CY2285-2
CY2285-3
CPU (66,
100 MHz)
222
PCI (CPU/2,
CPU/3 MHz)
6[1]
7[1, 2]
6[1]
Ref. (14.318 MHz)
2
2
1
USB (48 MHz)
1
1
1
USB/IO (48
MHz/24 MHz se-
lectable)
1N/A
1
CPU-PCI delay
1.5–4.0 ns
1.5–4.0 ns
1.5–4.0 ns
EPCI-PCI delay
N/A
1.0–4.0 ns
N/A
Spread Spectrum
–0.6%
Downspread
–0.6%
Downspread
–0.6%
Downspread
Intel and Pentium are registered trademarks of Intel Corporation.
Logic Block Diagram
EPROM
XTALOUT
XTALIN
14.318
MHz
OSC.
CPU
PLL
Delay
REF1/SEL48
CPUCLK [0–1]
VDDCPU
PCICLK [1-5]
EPCICLK (-2 option)
STOP
STOP
LOGIC
LOGIC
CPU_STOP
DIV4
Divider
PCI_STOP
VDDPCI
VDDPCI
VDDREF
REF0/SPREAD
SYS
PLL
USBCLK
VDD48
USB_IOCLK/TS (-1 option)
VDD48
PCICLK_F
VDDPCI
PWR_DWN
USBCLK/SEL100/66 (-2 option)
/4
SPREAD (-2,-3 option)
REF0 (-2 option)
REF1 (-2,-3 option)


Similar Part No. - CY2285PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2285PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com