Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC194B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 1 Page - Semtech Corporation

  SC194B Datasheet HTML 1Page - Semtech Corporation SC194B Datasheet HTML 2Page - Semtech Corporation SC194B Datasheet HTML 3Page - Semtech Corporation SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC194B
Selectable 3.6V/3.3V/3.0V/2.5V
1A Synchronous Buck Converter
POWER MANAGEMENT
August 24, 2006
Typical Application Circuit
Applications
The SC194B is a synchronous step-down converter with
integrated power devices. Four selectable output voltages
suitable for portable device interface, memory function
blocks, and 5V to 3.3V voltage conversion are available.
Automatic selection of Power Save Mode (PSAVE) is
supported which enhances efficiency. A 100% duty cycle
mode allows operation for input voltages close to the
required output voltage.
The need for external components is minimized by
providing internal feedback compensation, and allowing
selection of the required output voltage by hard wiring VID
code inputs. The maximum current rating of the internal
MOSFET switches allows a DC output current of 1A.
The switching frequency is nominally set to 1MHz, allowing
the use of small inductors and capacitors. A flexible
clocking scheme is used that allows synchronization to an
external oscillator or control by the internal oscillator.
The device can operate in either forced PWM mode or
in PSAVE mode. If PSAVE mode is enabled the part will
automatically enter PSAVE at light loads to maintain
maximum efficiency across the full load range. For noise
sensitive applications, PSAVE mode can be disabled by
synchronizing to an external oscillator, or pulling the SYNC/
PWM pin high. Shutdown turns off all the control circuitry
to achieve a typical shutdown current of 0.1μA.
PDA
Pocket PC and Smart Phones
USB Powered Modems
CPUs and DSPs
PC Cards and Notebooks
xDSL Applications
Standard 5-V to 3.3-V Conversion
Up to 95% efficiency
PSAVE operation to maximize efficiency
Output current — 1A
Input range — 2.7V to 5.5V
Four selectable output voltages
Quiescent current — 17μA in PSAVE
Dynamic voltage positioning capability
Fixed 1MHz frequency or 750kHz to 1.25MHz syn-
chronized operation
Current mode operation for excellent line and load
transient response
100% duty cycle in dropout
Soft-start
Over-temperature and short-circuit protection
Lead-free package — 3mm x 3mm MLPD
Description
Features
SC194B
VIN
LX
EN
SYNC/PWM
VOUT
VID0
VID1
PGND
MODE
GND
CIN
L1
COUT
22μF
10μF
4.7μH
VIN
3.6V to 5.5V
VOUT
3.3V
1A


Similar Part No. - SC194B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
SC194AEVB SEMTECH-SC194AEVB Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
SC194AMLTRT SEMTECH-SC194AMLTRT Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC194B

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
1.5 MHz, 1A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656_17 Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com