Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC194B Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation SC194B Datasheet HTML 13Page - Semtech Corporation SC194B Datasheet HTML 14Page - Semtech Corporation SC194B Datasheet HTML 15Page - Semtech Corporation SC194B Datasheet HTML 16Page - Semtech Corporation SC194B Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Typical Characteristics (Cont.)
P-Channel R
DSON vs. Input Voltage
0.10
0.15
0.20
0.25
0.30
0.35
0.40
2.7
3.2
3.7
4.2
4.7
5.2
VIN(V)
TA=-40°C
TA=25°C
TA=85°C
V
OUT (50mV/div)
I
LX (200mA/div)
V
LX (2V/div)
Time (400ns/div)
Condition V
IN= 3.8V, lOUT= 1A, VOUT= 3.3V
100% Duty Cycle Mode
V
OUT (50mV/div)
I
LX (500mA/div)
V
LX (5V/div)
Time (2μs/div)
Condition V
IN=5V, lOUT=50mA, VOUT=3.3V
PSAVE Operation
V
OUT (20mV/div)
I
LX (500mA/div)
V
LX (5V/div)
Time (1μs/div)
Condition V
IN=5V, lOUT=50mA, VOUT=3.3V
PWM Operation
V
EN (2V/div)
V
OUT (2V/div)
I
IN (200mA/div)
Time (400μs/div)
Condition V
IN=5V, lOUT=10mA, VOUT=3.3V
PSAVE Start-UP
Switching Frequency vs. Temperature
950
960
970
980
990
1000
1010
1020
1030
1040
1050
-50
10
50
110
TJ (°C)
VIN=5.5V
-30
-10
30
70
90
130
VIN=3.6V
VIN=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com