Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC194B Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 3 Page - Semtech Corporation

  SC194B Datasheet HTML 1Page - Semtech Corporation SC194B Datasheet HTML 2Page - Semtech Corporation SC194B Datasheet HTML 3Page - Semtech Corporation SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Quiescent Current
I
Q
SYNC/PWM = GND, I
OUT
= 0A,
V
OUT = 1.04 x VOUT(Programmed), VIN= 3.6V
17
28
μA
Shutdown Current
I
SD
EN = GND, LX = OPEN, V
IN= 3.6V
0.1
1
μA
LX Leakage Current PMOS
I
LXP
V
IN = 3.6V, LX = GND, EN = GND
0.1
2
μA
LX Leakage Current NMOS
I
LXN
V
IN = 3.6V, LX = 3.6V, EN = GND
-2
0.1
μA
Oscillator Frequency
f
OSC
V
IN= 3.6V
0.85
1.0
1.15
MHz
SYNC Frequency (upper)
f
SYNCU
V
IN= 3.6V
1.25
MHz
SYNC Frequency (lower)
f
SYNCL
V
IN= 3.6V
750
kHz
UVLO Threshold (upper)
V
UVL
2.38
2.52
2.65
V
UVLO Hysteresis
V
UVLHYS
100
mV
Thermal Shutdown
T
SD
145
°C
Thermal Shutdown Hysteresis
T
SD-HYS
10
°C
Logic Input High
V
IH
EN, SYNC/PWM, VID0, VID1, MODE
1.6
V
Logic Input Low
V
IL
EN, SYNC/PWM, VID0, VID1, MODE
0.6
V
Logic Input Current High
I
IH
EN, SYNC/PWM, VID0, VID1, MODE
-2
0.1
2
μA
Logic Input Current Low
I
IL
EN, SYNC/PWM, VID0, VID1, MODE
-2
0.1
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com