Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86R192 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT86R192
Description  Voice Synthesizer 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86R192 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT86R192 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-40°Cto85°C
IOL Total ..............................................................300mA
IOH Total............................................................
-200mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz/8MHz
2.4
¾
5.2
V
ISTB1
Standby Current (Watchdog Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current (Watchdog On)
3V
No load, system HALT
¾¾
7
mA
5V
¾¾
10
mA
IDD
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
¾¾
3mA
5V
¾¾
7mA
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
¾
4
¾
mA
5V
¾
10
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
¾-2
¾
mA
5V
¾-5
¾
mA
IO
AUD Source Current
3V
VOH=0.9VDD
¾-3
¾
mA
5V
¾-6
¾
mA
VIL1
Input Low Voltage for I/O Ports
3V
¾
¾
1
¾
V
5V
¾
1.8
¾
V
VIH1
Input High Voltage for I/O Ports
3V
¾
¾
2
¾
V
5V
¾
3
¾
V
VIL2
Reset Low Voltage (RES)
3V
¾
¾
1.9
¾
V
5V
¾
3.5
¾
V
VIH2
Reset High Voltage (RES)
3V
¾
¾
2.4
¾
V
5V
¾
4.2
¾
V
fSYS
System Frequency
3V
ROSC=300k
W¾
4.0
¾
MHz
ROSC=155k
W¾
8.0
¾
MHz
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT86R192
Rev. 0.00
6
October 23, 2006
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com