Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86R192 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT86R192
Description  Voice Synthesizer 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86R192 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT86R192 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
HT86R192
Voice Synthesizer 8-Bit OTP MCU
Rev. 0.00
1
October 23, 2006
Features
· Operating voltage: 2.4V~5.2V
· System clock: 4MHz~8MHz
· Crystal or RC oscillator for system clock
· 23 I/O pins with 4 shared pins included
· 8K´16-bit program ROM
· 208´8-bit RAM
· 4096K-bit voice ROM size
· 192 sec voice length
· One external interrupt input
· Three 16-bit programmable timer counter and over-
flow interrupts
· 12-bit high quality D/A output by transistor or
HT82V733
· Built-in voice ROM in various capacity
· One optional 32768Hz crystal oscillator for RTC time
base (8-bit counter with 3-bit prescaler)
· Watchdog Timer
· 8-level subroutine nesting
· HALT function and wake-up feature reduce power
consumption
· Up to 1ms (0.5ms) instruction cycle with 4MHz (8MHz)
system clock
· Support 16-bit table read instruction (TBLP, TBHP)
· 63 powerful and efficient instructions
· 28-pin SOP, 44/100-pin QFP package
Applications
· Intelligent educational leisure products
· Alert and warning systems
· High end leisure product controllers
· Sound effect generators
General Description
The HT86R192 series are 8-bit high performance
microcontroller with voice synthesizer and tone genera-
tor. The HT86R192 is designed for applications on mul-
tiple I/Os with sound effects, such as voice and melody.
It can provide various sampling rates and beats, tone
levels, tempos for speech synthesizer and melody gen-
erator. It has a single built-in high quality, D/A output.
There is an external interrupt which can be triggered
with falling edge pulse or falling/rising edge pulse.
The HT86R192 is excellent for versatile voice and
sound effect product applications. The efficient MCU in-
structions allow users to program the powerful custom
applications. The system frequency of HT86R192 can
be up to 8MHz under 2.4V and include a HALT function
to reduce power consumption.
Technical Document
· Tools Information
· FAQs
· Application Note
Preliminary


Similar Part No. - HT86R192

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
Voice Synthesizer 8-Bit OTP MCU
May 18, 2007
More results

Similar Description - HT86R192

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
HT86072 HOLTEK-HT86072 Datasheet
368Kb / 39P
Voice Synthesizer 8-Bit MCU
May 6, 2004
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
Voice Synthesizer 8-Bit OTP MCU
May 18, 2007
HT86XXX HOLTEK-HT86XXX_07 Datasheet
375Kb / 55P
Voice Synthesizer 8-Bit MCU
January 11, 2007
HT86030 HOLTEK-HT86030_06 Datasheet
291Kb / 40P
Voice Synthesizer 8-Bit MCU
May 25, 2006
HT86BXX HOLTEK-HT86BXX Datasheet
516Kb / 79P
Enhanced Voice 8-Bit MCU
October 20, 2009
HT86BXX HOLTEK-HT86BXX_11 Datasheet
503Kb / 83P
Enhanced Voice 8-Bit MCU
logo
List of Unclassifed Man...
N5132 ETC2-N5132 Datasheet
478Kb / 11P
4-bit uC base Voice Synthesizer (OTP)
logo
Nuvoton Technology Corp...
N5132 NUVOTON-N5132 Datasheet
478Kb / 11P
4-bit uC base Voice Synthesizer (OTP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com