Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86R192 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT86R192
Description  Voice Synthesizer 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86R192 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT86R192 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86R192 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
HT86R192
Rev. 0.00
19
October 23, 2006
Preliminary
Timer Counter 2
The timer counter TMR2 is also a 16-bit programmable
count-up counter. It operates in the same manner as
Timer/Event Counter 0/1, but the clock source of TMR2
is from only internal instruction cycle (T1). Therefore
only (TM1,TM0)=(1,0) is allowable.
Timer Counter 3 (RTC Time Base)
The timer counter TMR3 is an 8-bit programmable
count-up counter. Its counting is as the same manner as
Timer Event Counter 0/1 and Timer Counter 2, but the
clock source of TMR3 can be from internal instruction
cycle (T1) or external 32kHz crystal which is connected
to XIN and XOUT. The TMR3
¢s clock source is deter-
mined by OTP option. If the 32kHz crystal is enabled,
then TMR3
¢s clock source is 32kHz which is from XIN
and XOUT. If the 32kHz crystal is disabled, then TMR3
¢s
clock source is internal T1.
The TMR3 is internal clock source only, i.e.
(TM1,TM0)=(1,0). There is a 3-bit prescaler
(TMR3S2,TMR3S1,TMR3S0) which defines different
division ratio of TMR3
¢s clock source.
S y s t e m C l o c k / 4
T M 1
T M 0
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
T i m e r / E v e n t C o u n t e r 2
P r e l o a d R e g i s t e r
T i m e r / E v e n t
C o u n t e r 2
L o w B y t e
B u f f e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
G N D
Timer Counter 2
S y s t e m C l o c k / 4
8 - S t a g e
P r e s c a l e r
T i m e r C o u n t e r 3
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T i m e r C o u n t e r 3
T O N
M a s k
O p t i o n
3 2 K C r y s t a l
( T M R 3 S 2 , T M R 3 S 1 , T M R 3 S 0 )
Timer Counter 3
Bit No.
Label
Function
0~2
TMR3S2,
TMR3S1,
TMR3S0
To define the operating clock source (TMR3S2, TMR3S1, TMR3S0)
000: clock source/2
001: clock source/4
010: clock source/8
011: clock source/16
100: clock source/32
101: clock source/64
110: clock source/128
111: clock source/256
3TE
To define the TMR3 active edge of timer/event counter
(0=active on low to high; 1=active on high to low)
4
TON
To enable/disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
TM0,
TM1
To define the operating mode (TM1, TM0)
01=Unused
10=Timer mode (internal clock)
11=Unused
00=Unused
TMR3C (25H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com