Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC475AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC475AEVB
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC475AEVB Datasheet HTML 1Page - Semtech Corporation SC475AEVB Datasheet HTML 2Page - Semtech Corporation SC475AEVB Datasheet HTML 3Page - Semtech Corporation SC475AEVB Datasheet HTML 4Page - Semtech Corporation SC475AEVB Datasheet HTML 5Page - Semtech Corporation SC475AEVB Datasheet HTML 6Page - Semtech Corporation SC475AEVB Datasheet HTML 7Page - Semtech Corporation SC475AEVB Datasheet HTML 8Page - Semtech Corporation SC475AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Fault Protection (continued)
Steady-State
Over-Voltage Fault
FB with Respect to Nominal
+20
+17
+23
%
Steady-State
Over-Voltage Fault Delay
FB Forced 50mV Above
Over-Voltage Fault Threshold
5
μs
G0 Transition
Over-Voltage Fault
FB with Respect to Nominal;
Valid for 32 cycles after G0
Transition
+50
%
Smart Power Save Threshold
FB with Respect to Nominal
+8
%
Over-Temperature Shutdown(1)
Latching, >10°C Hysteresis
160
°C
Logic Inputs/Outputs
Logic Input High Voltage
EN, G0
1.2
V
Logic Input Low Voltage
EN, G0
0.4
V
EN Input Bias Current
EN = 5V
-1
+1
μA
G0 Input Bias Current
G0 = 5V
5
0
10
μA
Power Good Output
Low Voltage
R
PWRGD = 10kΩ to VCC
0.4
V
Gate Drivers
Shoot-Through
Protection Delay(1)
DH or DL Rising
30
ns
DL Pull-Down Resistance
0.8
1.6
Ω
DL Sink Current
V
DL = 2.5V
3.1
A
DL Pull-Up Resistance
2
4
Ω
DL Source Current
V
DL = 2.5V
1.3
A
DH Pull-Down Resistance
BST - LX = 5V
2
4
Ω
DH Pull-Up Resistance(2)
BST - LX = 5V
2
4
Ω
DH Sink/Source Current
V
DH = 2.5V
1.3
A
Notes:
1) Guaranteed by design.
2) Semtech’s SmartDriver™ FET drive first pulls DH high with a pull-up resistance of 10Ω (typical) until LX = 1.5V (typical). At this point,
an additional pull-up device is activated, reducing the resistance to 2Ω (typical). This negates the need for an external gate or boost resistor.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com