Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC475AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC475AEVB
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC475AEVB Datasheet HTML 7Page - Semtech Corporation SC475AEVB Datasheet HTML 8Page - Semtech Corporation SC475AEVB Datasheet HTML 9Page - Semtech Corporation SC475AEVB Datasheet HTML 10Page - Semtech Corporation SC475AEVB Datasheet HTML 11Page - Semtech Corporation SC475AEVB Datasheet HTML 12Page - Semtech Corporation SC475AEVB Datasheet HTML 13Page - Semtech Corporation SC475AEVB Datasheet HTML 14Page - Semtech Corporation SC475AEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
VOUT Voltage Selection
VOUT voltage is regulated through the FB pin via resistors
R1 through R3 as shown in Figure 4.
+
TON
0.75V
FB
D0
G0
SC475A
R1
R2
R3
VOUT
Logic
Control
Figure 4
The following table shows the equations for VOUT as a
function of control input G0:
VOUT Equation
G0
0.75 • (1 + R1/R2)
1
0.75 • (1 + R1/R2 + R1/R3)
0
Note that the RDSON of the internal D0 mosfet is in series with
R3, which adds typically 15 ohms in series.
Voltage Transitioning
The G0 pin allows VOUT to transition to both higher
and lower values. The two directions have differing
responses.
When doing a down transition, the sudden release of R3
will cause FB to go above the 0.75V threshold. Depending
on the level of VOUT change and the load, the IC responds
in different ways.
At light load conditions when power-save is active, and
when the downward change is 8% or greater, the rapid
change of D0 is large enough to cause FB to rise up to the
Smart Power Save threshold (810mV). DL will then drive
high to turn on the low-side MOSFET and draw current from
the output capacitor via the inductor. DL will remain on
until FB falls to 0.75V, at which point a normal DH switch-
ing cycle begins, see Figure 5. This causes the output to
transition to the new voltage level quickly, typically 10~20
usec. Refer to the Smart Power Save Protection section
for a full description.
A rapid downward change in VOUT also occurs for downward
changes less than 8%, provided the load is high enough
such that power-save is not active. In this case, after D0
opens and FB rises above the 0.75V trip point, DL will drive
high and stay high until FB drops to the trip point.
VOUT
FB
R1
R2
D0
D0
750mV
810mV
DL
DL
(FB threshold)
RTN
VOUT
FB
Initial VOUT
Final VOUT
R3
(Smart Psave threshold)
Figure 5
For the case where the down transition is less than
8%, and the load is light such that power-save is active,
the Smart Power Save detector will not activate. In this
case, with FB already above the 0.75V reference there
is no switching activity. DL and DH will remain off, and
the output voltage will slowly fall as the output capacitors
discharge into the load, see Figure 6.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com