Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC475AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC475AEVB
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC475AEVB Datasheet HTML 8Page - Semtech Corporation SC475AEVB Datasheet HTML 9Page - Semtech Corporation SC475AEVB Datasheet HTML 10Page - Semtech Corporation SC475AEVB Datasheet HTML 11Page - Semtech Corporation SC475AEVB Datasheet HTML 12Page - Semtech Corporation SC475AEVB Datasheet HTML 13Page - Semtech Corporation SC475AEVB Datasheet HTML 14Page - Semtech Corporation SC475AEVB Datasheet HTML 15Page - Semtech Corporation SC475AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
Note that at light loads it can take many msec for the
output to fall to the new value. This should have no
adverse effect. Many loads such as graphics chipsets
can have a minimum load of several hundred mA, which
will naturally pull VOUT down to the next level.
750mV
VOUT
FB
R1
R2
D0
D0
RTN
< 810mV
(FB threshold)
FB
COUT Discharge due to load
Initial
VOUT
Final
VOUT
VOUT
R3
(Smart Psave threshold)
Figure 6
For the case in Figure 6 the time needed to reach the final
voltage is found from the following equation, where COUT
is in μF, and LOAD is in Amps:
Time (μsec) = COUT * (V
INITIAL – VFINAL)/LOAD
Note that the above equation only applies to the condition
where the VOUT downward change is less that the 8%
limit for Smart Psave, and also the load is light such that
Psave is active.
When doing an up transition (from lower to higher VOUT),
the G0 change affects D0 and causes FB to drop below
the 0.75V trip point. This quickly trips the FB comparator
regardless of whether psave is active or not, generating a
DH on-time and a subsequent DL high time. At the end
of the minimum off-time (350nsec), if FB is still below
0.75V then another DH on-time is started. This sequence
continues until the FB pin exceeds 0.75V see Figure 7.
VOUT
FB
R1
R2
D0
D0
RTN
750mV
(FB threshold)
FB
DH
DL
VOUT
Final
VOUT
Initial
VOUT
R3
Figure 7
If the VOUT change is significant, there can be several
consecutive cycles of DH on-time followed by minimum DL
time. This can cause a rapid increase in inductor current:
typically it only takes a few switching cycles for the induc-
tor current to rise up to the Current Limit. At some point
the FB voltage will rise up to the 0.75V reference and the
DH pulses will cease, but the inductor’s LI2 energy must
then flow into the output cap. This can create a significant
overshoot as shown in Figure 8.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com