Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL821CSV33 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TQL821CSV33
Description  50V, 200mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL821CSV33 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TQL821CSV33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL821CSV33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TQL821CSV33
Taiwan Semiconductor
1
Version: A2206
50V, 200mA, Low-IQ 30
μA
Low-Dropout Linear Regulator with Enable
DESCRIPTION
The TQL821CSV33 is a high-performance low dropout
linear regulator for 3.3V with input range of 3V to 50V
and low quiescent 30
μA. TQL821CSV33 provides 2%
output voltage accuracy and 200mA maximum driving
current and is suitable for automotive or other supply
systems.
TQL821CSV33
just
requires
one
small
ceramic capacitor of 1
μF to exhibit fast regulation and
good stability. And it shows very low dropout voltage
with 70mV in 100mA-load and 110mV in 200mA-load.
The start operating voltage is 3V which is suitable to
cranking condition of automotive system.
The device has an enable function to switch ON and
OFF
for
power
dissipation.
And
other
protection
functions such as thermal-shutdown and current-limit
are against immediate damage.
FEATURES
● AEC-Q100 qualified with the following results:
-
Device temperature grade 1: -40°C to 125°C
-
Device HBM ESD classification level H1C
-
Device CDM ESD classification level C3
● 3V to 50V Input Voltage Range
● 3.3V Fixed Output Voltage
● 70mV@100mA Low Dropout Voltage
● 200mA Output Current
● Typical 30μA Low Quiescent Current
● Typical ±2% Output Voltage Accuracy
● 1μF Ceramic Output Stable Capacitor
● Output Current Limit
● Over Temperature Protection
● RoHS Compliant
● Halogen-Free according to IEC 61249-2-21
APPLICATION
● Automotive Power Supply Systems
● General Power Supply applications
SOP-8EP
Pin Definition:
1.IN
5. NC
2.EN
6. NC
3.NC
7. NC
4.GND
8. OUT
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TQL821CSV33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQL821CSV50 TSC-TQL821CSV50 Datasheet
738Kb / 9P
50V, 200mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
Version: A2206
More results

Similar Description - TQL821CSV33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Richtek Technology Corp...
RT9079 RICHTEK-RT9079 Datasheet
177Kb / 10P
36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com