Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2447 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2447 Datasheet HTML 1Page - Semtech Corporation SC2447 Datasheet HTML 2Page - Semtech Corporation SC2447 Datasheet HTML 3Page - Semtech Corporation SC2447 Datasheet HTML 4Page - Semtech Corporation SC2447 Datasheet HTML 5Page - Semtech Corporation SC2447 Datasheet HTML 6Page - Semtech Corporation SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2447
Dual-Phase, Single or Dual Output
Synchronous Step-Down Controller
REFOUT
GDH2
IN1-
SYNC
CS1+
COMP1
SS1/EN1
CS1-
SS2/EN2
COMP2
IN2-
REFIN
CS2-
CS2+
GDH1
GDL1
GDL2
REF
ROSC
AGND
AVCC
VDDG
CBN
CBP
VSSO
VSSC
DISABLE
VI
REG5V
VO
VDDO
VDDC
V
OUT1
2.5V/20A
V
IN
12V
V
OUT2
1.2V/25A
L
1
1
µH/1.8mΩ
C
O1
100
µF
x 3
C
IN1
22
µF
x 4
C
SS1
0.1
µF
C
O2
100
µF
x 3
C
SS2
0.1
µF
R
OSC , 51.1KΩ
C
5
1
µF
C
3
1
µF
C
VCC
4.7
µF
R
S1B
22.1K
Ω
R
S1A
22.1K
Ω
C
CS1
100nF
R
S1C , 11KΩ
PIP212-12M
R
FB1A
10K
Ω
R
FB1B
2.49K
Ω
R
A1
24.9K
Ω
C
A1
3.3nF
C
REF
0.1uF
C
CMP1
10pF
C
B1
100nF
R
1
10
Ω
R
VCC
10
Ω
L
2
0.4
µH/1mΩ
C
6
1
µF
C
4
1
µF
R
S2B
200K
Ω
R
S2A
22.1K
Ω
C
CS2
68nF
R
S2C , 20KΩ
VDDG
CBN
CBP
VSSO
VSSC
DISABLE
VI
REG5V
VO
VDDO
VDDC
PIP212-12M
R
FB2A
10K
Ω
R
FB2B
7.15K
Ω
R
A2
16.9K
Ω
C
A2
3.3nF
C
CMP2
10pF
C
B2
100nF
R
2
10
Ω
C
IN2
22
µF
x 4
SC2447
Description
Revision: December 15, 2006
Features
Typical Application Circuit
The SC2447 is a versatile high-frequency dual phase PWM
step-down controller optimized for Philips and Renesas
DrMOSTM. Both phases are capable of sourcing or sink-
ing load currents, making the SC2447 suitable for net-
working system power and DDR applications.
The SC2447 employs fixed frequency, continuous-con-
duction peak current-mode control for easy compensa-
tion and fast transient response.
The SC2447 can be used to generate two independent
outputs (up to 30A per output) or a single 60A output
with shared phase current. The PWM signals are 180°
out of phase to minimize input/output ripple.
Either inductor DC resistance or precision sense resistor
can be used for current-mode control. Inductor DC resis-
tance sensing has the advantage of being lossless.
Each phase has individual closed-loop soft-start and over-
load shutdown timer. The SC2447 powers up neatly with
pre-biased output. It has tri-state shutdown and hiccup
overload protection. In two-phase single-output configu-
ration, the master timer controls the soft-start and over-
load shutdown functions. The SC2447 is in a lead-free,
WEEE and RoHS compliant, TSSOP-28 package.
2-Phase Step-down Controller optimized for Philips
or Renesas DrMOSTM
Out of Phase Operation for Low Input Current Ripple
Outputs Source and Sink Current
Fixed Frequency Peak Current-Mode Control
Lossless Inductor DCR Current Sensing
Optional Resistor Current-Sensing for Precise Cur-
rent-Limit
Dual 30A Outputs or 2-Phase 60A Single Output
Operation
Wide Input Voltage Range: 4.65V to 15V
Individual Closed-Loop Soft-Start, Overload Shut-
down Timer and Enable
Output Voltage as Low as 0.5V
Starts into Pre-Bias Output
Tri-State PWM Output during Shutdown
Programmable Frequency Up to 1MHz Per Phase
External Synchronization
TSSOP-28 Lead-free Package. Fully WEEE and RoHS
Compliant
Applications
Telecommunication Power Supplies
DDR Memory Power Supplies
Graphic Power Supplies
Servers and Base Stations
Figure 1


Similar Part No. - SC2447

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC244 VITALCONN-SC244 Datasheet
468Kb / 3P
SFP2*4 CAGECONN
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
2.5 MHz Dual Switching Regulator with Integrated 2A Switches
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
More results

Similar Description - SC2447

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF Datasheet
542Kb / 26P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF_1 Datasheet
515Kb / 26P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com