Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AMLTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC805AMLTRT
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AMLTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC805AMLTRT Datasheet HTML 6Page - Semtech Corporation SC805AMLTRT Datasheet HTML 7Page - Semtech Corporation SC805AMLTRT Datasheet HTML 8Page - Semtech Corporation SC805AMLTRT Datasheet HTML 9Page - Semtech Corporation SC805AMLTRT Datasheet HTML 10Page - Semtech Corporation SC805AMLTRT Datasheet HTML 11Page - Semtech Corporation SC805AMLTRT Datasheet HTML 12Page - Semtech Corporation SC805AMLTRT Datasheet HTML 13Page - Semtech Corporation SC805AMLTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
0
 2007 Semtech Corp.
SC805A
www.semtech.com
POWER MANAGEMENT
Applications Information (Cont.)
due to the NTC temperature. The internal NTC thresholds
of 30% and 75% VCC were designed to work with Curve-2
type thermistors available from numerous vendors.
Design example based on the typical application schematic
of Page  using a Curve--2, Vishay-Dale NTC.
Thot = 50°C
Tcold = 0°C
Find R2 and RT
Step : Pick an RT value high enough to prevent self-
heating.
2
DC
1)
V(RT
1
RT
In general, lower values of RT provide more noise immu-
nity for the NTC voltage at the expense of bias current from
the input adapter. The dissipation constant DC is the power
rating of the NTC resulting in a °C self-heating error.
The DC value for this NTC is 3mW and the voltage across
the NTC is 2.5V for a 5V adapter. Therefore, RT > 2K,
Set RT = 0k
Step 2: Find R2 to set the correct hot level trip point,
9.52k
R
R
R
2.33
R2
T25
T50
T25
The closest standard resistor value is 9.53k. RT(temp)/
RT(25°C) is often referred to as the ratio at the given temp.
For this NTC at 50°C, the ratio is 0.4086.
Step 3: Calculate the Tcold value.
2.86
10K
R2
3
RT
RT
25
COLD
The ratio for the Curve-2 NTC at 0°C is 2.86. The differ-
ence represents less than /2°C (i.e., actual trip would be
-0.5°C instead of 0°C.) For temperature trip values other
than 0°C and 50°C, alternate curve-type NTC elements can
be used or an additional resistor can be added to the Rntc
divider to alter the temperature coefficient.
CHRGB LED Flag
The CHRGB LED driver on the SC805A can be used to
drive two external LEDs: CHRGB=Low (charging) and
CHRGB=High (charge complete). The CHRGB output will
be high impedance when the VCC is in a UV condition. The
table below defines the CHRGB LED output states.
LED
High
Low
High-Z
Blinking
CHRGB
Iout <
Iterm
Iout > term VCC < UV
Pre-charge
OV or NTC
Fault
The CHRGB output can be used for a VCC indicator. When
the SC805A is enabled, the CHRGB output is either high
or low providing the VCC input is above UVLO.
The CHRGB output signifies the charging status. When
the output current is greater than termination current,
CHRGB=low. CHRGB is high when Iout is < Itermination.
The CHRGB output is latched high at the end of the charge
cycle when the output current is less than Itermination.
The CHRGB output will remain high until the timer expires
and Vbatt enters a re-charge cycle, or if EN, or VCC are
toggled. The CHRGB indicator operates the same way in
both charge and LDO mode.
The CHRGB output can be used for a VCC indicator. When
the SC805A is enabled the CHRGB output is either high or
low providing the VCC input is above UVLO. Alternately an
LED connected to VCCIL can be used for a VCC indicator as
shown in the typical application schematic on Page .
There are five fault modes detected by the SC805A; (input
under-voltage, input over-voltage, NTC temperature, max
die temperature (or OT) and pre-charge timeout). The LED
states for these fault modes are shown below.
Fault
CHRGB
VCC UVLO
High-Z
VCC OVP
Blinking
NTC Fault
Blinking
Pre-Charge Time-Out
Blinking
T
J > 150°C
Blinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com