Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AMLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC805AMLTRT
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AMLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC805AMLTRT Datasheet HTML 1Page - Semtech Corporation SC805AMLTRT Datasheet HTML 2Page - Semtech Corporation SC805AMLTRT Datasheet HTML 3Page - Semtech Corporation SC805AMLTRT Datasheet HTML 4Page - Semtech Corporation SC805AMLTRT Datasheet HTML 5Page - Semtech Corporation SC805AMLTRT Datasheet HTML 6Page - Semtech Corporation SC805AMLTRT Datasheet HTML 7Page - Semtech Corporation SC805AMLTRT Datasheet HTML 8Page - Semtech Corporation SC805AMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
 2007 Semtech Corp.
SC805A
www.semtech.com
POWER MANAGEMENT
Parameter
Symbol
Maximum
Units
VCC, VCCIL, EN/NTC to GND
-0.3 to 7.0
V
VOUT, NOBAT, IPRGM, CHRGB, ITERM, RTIME to GND
-0.3 to +6.0
V
Power Dissipation
MLP (Derate 20mW/ °C above 85°C)
P
D
2
W
Thermal Impedance, Junction to Case
θ
JA
40(1)
°C/W
Junction Temperature
T
J
150
°C
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Peak IR Reflow Temperature, Soldering 20s-40s
T
PKG
260
°C
Storage Temperature Range
T
STG
-65 to 150
°C
V
OUT Short to GND
Continuous
A
I
VCCIL +IVOUT Total Output Current
I
OUT_TOT
1
A
Parameter
Symbol
Condition
25°C
TA
(-40°C to +85°C)
Units
Min
Typ
Max
Min
Max
Input Voltage
5
3.5
5.9
V
Operating Current
ICC
DIS
Shutdown Mode, EN = 0
0.1
1
µA
ICC
CHG
Charging Mode
CHRGB, ITERM,
IPRG = 0µA
1.2
1.55
mA
Battery Leakage
Current
Ileak
BAT
VCC = 0V
0.1
1
µA
Regulated Voltage
VBAT
Vbat load = 75mA
4.20
4.16
4.24
V
Battery Pre-Charge
Current
IPREQ
ITERM Resistor = 3.01k
50
44
54
mA
Battery Termination
Current
ITERMQ
50
44.5
53.6
Notes:
() Calculated from package in still air, mounted to 3” to 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Rating
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Unless otherwise noted: VCC = 4.75V - 5.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com