Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AMLTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC805AMLTRT
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AMLTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC805AMLTRT Datasheet HTML 1Page - Semtech Corporation SC805AMLTRT Datasheet HTML 2Page - Semtech Corporation SC805AMLTRT Datasheet HTML 3Page - Semtech Corporation SC805AMLTRT Datasheet HTML 4Page - Semtech Corporation SC805AMLTRT Datasheet HTML 5Page - Semtech Corporation SC805AMLTRT Datasheet HTML 6Page - Semtech Corporation SC805AMLTRT Datasheet HTML 7Page - Semtech Corporation SC805AMLTRT Datasheet HTML 8Page - Semtech Corporation SC805AMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
 2007 Semtech Corp.
www.semtech.com
SC805A
3
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Parameter
Symbol
Condition
25°C
TA
(-40°C to +85°C)
Units
Min
Typ
Max
Min
Max
Battery Fast-Charge
Current(1)
IFastQ
1
IPRGM = 15k
100
91.5
111.5
mA
IFastQ
2
IPRGM = 1.87k
787
-5
+5
%
VBATTERY = 3.8V
Dropout Voltage = 500mV
Battery Fast-Charge
Max Current Limit
2.8V < VBATTERY
< VBAT
1.0
A
IProg Regulated
Voltage
V
IPRGM
1.5
1.42
1.58
V
ITerm Regulated
Voltage
V
ITERM
1.5
1.42
1.58
V
Vin OVP Rising
Threshold
VT
OVPR
6.8
6.4
7.5
V
Vin OVP Falling
Theshold
VT
OVPF
6.4
5.9
7.15
V
Vin OVP Hysteresis
VT
OVPH
375
150
mV
Vin UVLO
Rising Threshold
VT
UVLOR
2.8
3.5
V
Vin UVLO
Falling Threshold
VT
UVLOF
2.75
2.5
3.25
V
Vin UVLO
Hysteresis
VT
UVLOH
50
30
mV
Vbat Pre-Charge
Threshold
VT
PREQR
2.8
2.7
2.9
V
Vbat Recharge
Threshold
VT
REQ
VBAT - VBATTERY
100
60
140
mV
Pre-Charge Fault
Time-Out
T
PQFAULT
Rtime = 39.2k
38
30.7
44.7
min
Charge Complete
Time-Out
T
FASTQ
Rtime = 39.2k
2.5
2.0
3.0
hrs
Time Disable
Threshold
VT
TIMER
Rtime VIL Voltage
1.0
0.7
V
LDO-Mode Select
Threshold
VT
IINTTS
VCC-Rtime Voltage
1.1
0.7
V
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com