Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC805AEVB
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC805AEVB Datasheet HTML 3Page - Semtech Corporation SC805AEVB Datasheet HTML 4Page - Semtech Corporation SC805AEVB Datasheet HTML 5Page - Semtech Corporation SC805AEVB Datasheet HTML 6Page - Semtech Corporation SC805AEVB Datasheet HTML 7Page - Semtech Corporation SC805AEVB Datasheet HTML 8Page - Semtech Corporation SC805AEVB Datasheet HTML 9Page - Semtech Corporation SC805AEVB Datasheet HTML 10Page - Semtech Corporation SC805AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
 2007 Semtech Corp.
www.semtech.com
SC805A
7
POWER MANAGEMENT
Pin Descriptions (Cont.)
Pin
Pin Name
Pin Function
1
VCC
Supply pin – connect to adapter power
2
VCCIL
Adapter input voltage – this pin provides a bias voltage approximately equal to the adapter
input voltage. When charging, the output current will be reduced by the load current on
VCCIL.
3
VOUT
Charger output – connect to battery
4
IPRGM
Current limit program pin for charge and LDO-mode – requires a resistor to ground to
program fast-charge current.
5
ITERM
Selection for current termination and pre-charge current – requires a resistor to ground to
program pre-charge and termination current.
6
GND
Ground
7
EN/NTC
Combined device enable/disable and NTC input pin – logic low disables the device.
Analog voltages between 0.3VCC and 0.75VCC enable the NTC function. Voltages above
95% of VCC force the NOBAT output high.
8
NOBAT
Battery Present Indicator – this output goes high when the NTC voltage exceeds 95% of
VCC indicating the battery and NTC have been removed.
9
RTIME
Charge time programming resistor – connect a resistor between RTIME and GND to
program the charge time. Force the pin to GND to disable the timer. Force the pin to VCC
to select LDO-mode.
10
CHRGB
Output status indicator designed to drive two LEDs. Connect cathode of the ‘charging’
LED to this pin to indicate charge in progress. Connect the anode of the ‘charge’
completed to this pin to indicate charge complete.
T
Thermal Pad
Pad is for heatsinking purposes – not connected internally. Connect exposed pad to
ground plane with thermal vias directly under pad.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com