Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC805AEVB
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC805AEVB Datasheet HTML 9Page - Semtech Corporation SC805AEVB Datasheet HTML 10Page - Semtech Corporation SC805AEVB Datasheet HTML 11Page - Semtech Corporation SC805AEVB Datasheet HTML 12Page - Semtech Corporation SC805AEVB Datasheet HTML 13Page - Semtech Corporation SC805AEVB Datasheet HTML 14Page - Semtech Corporation SC805AEVB Datasheet HTML 15Page - Semtech Corporation SC805AEVB Datasheet HTML 16Page - Semtech Corporation SC805AEVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
4
 2007 Semtech Corp.
SC805A
www.semtech.com
POWER MANAGEMENT
Typical Characteristics (Cont.)
350.0
370.0
390.0
410.0
430.0
450.0
470.0
490.0
510.0
-30.00%
-25.00%
-20.00%
-15.00%
-10.00%
-5.00%
0.00%
5.00%
Fast-Charge Current
% Error
35.0
37.0
39.0
41.0
43.0
45.0
47.0
49.0
51.0
-30.00%
-25.00%
-20.00%
-15.00%
-10.00%
-5.00%
0.00%
5.00%
Pre-Charge Current
% Error
4.204
4.205
4.206
4.207
4.208
4.209
4.21
4.211
-0.10%
-0.09%
-0.08%
-0.07%
-0.06%
-0.05%
-0.04%
-0.03%
-0.02%
-0.01%
0.00%
Loaded Vout
Loaded Error (%)
4.201
4.202
4.203
4.204
4.205
4.206
4.207
4.208
4.209
4.21
4.5
5.0
5.5
6.0
6.5
-0.10%
-0.08%
-0.06%
-0.04%
-0.02%
0.00%
0.02%
0.04%
0.06%
0.08%
0.10%
Unloaded Vout
Loaded Vout
Unloaded Error (%)
Loaded Error (%)
495
496
497
498
499
500
501
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
Fast Charge Current
Fast Charge Error (%)
492
493
494
495
496
497
498
499
500
501
502
4.3 4.5 4.7 4.9 5.1 5.5 5.75 6
6.5
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
Fast Charge Current
Fast Charge Error (%)
Fast-Charge Current Line Regulation f(Vin)
Input Voltage VCC (V)
Output Voltage Line Regulation f(Vin, Iout)
Input Voltage VCC (V)
Input Voltage VCC (V)
CC Current Limit, VCC < 4.2V
Fast-Charge Current Line Regulation f(Vin)
Output Voltage Vout (V)
Output Voltage Load Regulation f(Iout)
Output Current (mA)
Input Voltage Vcc (V)
Pre-Charge Current Limit, Vcc < 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com