Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC805AEVB
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC805AEVB Datasheet HTML 7Page - Semtech Corporation SC805AEVB Datasheet HTML 8Page - Semtech Corporation SC805AEVB Datasheet HTML 9Page - Semtech Corporation SC805AEVB Datasheet HTML 10Page - Semtech Corporation SC805AEVB Datasheet HTML 11Page - Semtech Corporation SC805AEVB Datasheet HTML 12Page - Semtech Corporation SC805AEVB Datasheet HTML 13Page - Semtech Corporation SC805AEVB Datasheet HTML 14Page - Semtech Corporation SC805AEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
 2007 Semtech Corp.
www.semtech.com
SC805A

POWER MANAGEMENT
Applications Information (Cont.)
Over-Current and Max Temperature Protection
Over-current protection is inherent in all modes of opera-
tion. When the device is in charge-mode the output is cur-
rent-limited to either the pre-charge current limit value or
the fast-charge current limit value depending on the voltage
at the output. When the device is in LDO mode, the output
current is limited to the fast-charge current limit. Max die
temperature protection is included on the SC805A. This
feature allows the SC805A to operate with maximum power
dissipation by disabling the output current when the die
temperature reaches OT. The result is that the SC805A
will operate as a pulse charger in extreme power dissipa-
tion applications delivering the maximum allowable output
current while regulating the internal die temperature to a
safe level.
Layout Guidelines
The two most critical aspects of the PCB layout are the
power path and thermal layout. The power path starts
at the Adapter + input and runs to the VCC input of the
SC805A, then from the VOUT pin of the SC805A to the Bat-
tery + terminal, and completes with the return trace from
the battery - terminal to the adapter - input. All of these
traces need to be designed to handle the required charging
current. The trace from VOUT of the SC805A is most critical
and should be made as wide as possible to minimize I×R
drops between the regulated voltage at the SC805A VOUT
pin and the battery terminal. Keep the Adapter+ to SC805A
VCC input trace wide to minimize voltage drops that will
add to the dropout voltage of the SC805A. The GND pin
of the SC805A should be connected in a Kelvin fashion at
the battery-terminal to eliminate voltage drops in the return
path which reduce the regulated battery voltage.
The thermal performance of the SC805A package requires
a low impedance connection from the heat slug on the
bottom of the package to an external ground plane. This
is best accomplished by using a single large via under the
device connected to a ground plane on the bottom exposed
side of the PCB. The evaluation board uses  square inch
of copper on the bottom of the PCB and is capable of A
charging current.
The input and output bulk decoupling capacitors for the
SC805A should be placed near the external terminals for
the adapter and battery. This short low impedance loop
is for the high current spikes that result from input/output
hot-plugging of the charger. To minimize these current
spikes the value of the decoupling capacitor should be mini-
mized. A typical application requires a 0.µF input/output
capacitor. If the distance from the external terminals to
the SC805A is greater than  inch, 0.µF local decoupling
capacitors at the SC805A may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com