Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD103-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # MMSD103-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMSD103-HF Datasheet(HTML) 4 Page - Comchip Technology

  MMSD103-HF Datasheet HTML 1Page - Comchip Technology MMSD103-HF Datasheet HTML 2Page - Comchip Technology MMSD103-HF Datasheet HTML 3Page - Comchip Technology MMSD103-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Switching Diodes
Comchip Technology CO., LTD.
Page 4
REV:A
Marking Code
Part Number
MMSD103-HF
Marking Code
JS
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
SOD-123
QW-J0054
A
D
B
C
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.093
(mm)
2.36
0.91
1.22
0.036
0.048
4.19
0.165
B
C
D
A
SOD-123
JS
= Cathode band



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com