Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD103-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MMSD103-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMSD103-HF Datasheet(HTML) 1 Page - Comchip Technology

  MMSD103-HF Datasheet HTML 1Page - Comchip Technology MMSD103-HF Datasheet HTML 2Page - Comchip Technology MMSD103-HF Datasheet HTML 3Page - Comchip Technology MMSD103-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Switching Diodes
RoHS Device
MMSD103-HF
Comchip Technology CO., LTD.
Halogen Free
Page 1
REV:A
QW-J0054
Features
- Surface mount package ideally suited
for automatic insertion.
- For general purpose switching applications.
Maximum Ratings (at TA=25°C unless otherwise noted)
Unit
Symbol
Parameter
VR
Value
Thermal resistance junction to ambient
IF
mA
TJ, TSTG
°C
Forward continuous current
Continuous reverse voltage
mA
Peak forward surge current
IFSM
V
RθJA
Power dissipation
PD
mW
°C/W
Operating and storage temperature range
Thermal resistance junction to case
RθJC
°C/W
250
200
625
400
260
492
-55 to +150
SOD-123
Dimensions in inches and (millimeter)
0.069(1.75)
0.057(1.45)
0.112(2.85)
0.100(2.55)
0.051(1.30)
0.039(1.00)
0.024(0.60)
0.020(0.50)
0.018(0.45)
0.010(0.25)
0.004(0.10)
0.001(0.02)
0.006(0.15)
0.002(0.05)
0.152(3.85)
0.140(3.55)
Circuit Diagram
Anode
Cathode
Mechanical data
- Case: SOD-123 package, molded plastic.
- Mounting position: Any.
- Polarity: Indicated by cathode band.


Similar Part No. - MMSD103-HF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MMSD103-T1 WTE-MMSD103-T1 Datasheet
94Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
October, 2018
More results

Similar Description - MMSD103-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-21-G COMCHIP-CDSH3-21-G Datasheet
56Kb / 2P
SMD Switching Diodes
1SS400-G COMCHIP-1SS400-G_12 Datasheet
102Kb / 4P
SMD Switching Diodes
CDSH3-4448 COMCHIP-CDSH3-4448 Datasheet
69Kb / 2P
SMD Switching Diodes
CDST19-G COMCHIP-CDST19-G_12 Datasheet
73Kb / 2P
SMD Switching Diodes
CDST-19-G COMCHIP-CDST-19-G Datasheet
375Kb / 4P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G Datasheet
69Kb / 2P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
SMD Switching Diodes
BAS521-HF COMCHIP-BAS521-HF Datasheet
526Kb / 4P
SMD Switching Diodes
1SS355-HF COMCHIP-1SS355-HF Datasheet
494Kb / 4P
SMD Switching Diodes
REV:A
1SS400-HF COMCHIP-1SS400-HF Datasheet
505Kb / 5P
SMD Switching Diodes
REV:C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com