Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD103-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMSD103-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMSD103-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMSD103-HF Datasheet HTML 1Page - Comchip Technology MMSD103-HF Datasheet HTML 2Page - Comchip Technology MMSD103-HF Datasheet HTML 3Page - Comchip Technology MMSD103-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (MMSD103-HF)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Forward voltage
V
IF = 100mA
1.0
Reverse breakdown voltage
IR = 100μA
Diode capacitance
VR = 0V, f = 1MHz
µA
Reverse recovery time
50
ns
V(BR)
IR
VF
CD
trr
V
250
1
5
pF
IF = IR = 30mA, RL = 100Ω
SMD Switching Diodes
VR = 200V
1.25
Comchip Technology CO., LTD.
Page 2
REV:A
IF = 200mA
VR = 200V, TJ = 150°C
100
Typ.
Reverse current
Fig.2 - Current Derating Curve
Fig.1 - Forward Voltage
1
400
600
10
1000
200
1
Forward Current, (mA)
800
1200
1
300
100
10
1000
100
Reverse Voltage, (V)
4
6
3
0
3000
7000
5000
Reverse Voltage, VR (V)
0
0.75
2
0.60
0.50
Fig.3 - Diode Capacitance
1
0.55
0.30
0.65
QW-J0054
TA= -55°C
25°C
150°C
4
3
6
5
8
7
10
9
0.70
0.40
0.45
0.35
6000
4000
5
2
1
TA= -55°C
TA= 25°C
TA= 150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com