Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC192
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192 Datasheet(HTML) 4 Page - Semtech Corporation

  SC192 Datasheet HTML 1Page - Semtech Corporation SC192 Datasheet HTML 2Page - Semtech Corporation SC192 Datasheet HTML 3Page - Semtech Corporation SC192 Datasheet HTML 4Page - Semtech Corporation SC192 Datasheet HTML 5Page - Semtech Corporation SC192 Datasheet HTML 6Page - Semtech Corporation SC192 Datasheet HTML 7Page - Semtech Corporation SC192 Datasheet HTML 8Page - Semtech Corporation SC192 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
SC192
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Pin Configuration
Ordering Information
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I
V
.
s
e
h
c
ti
w
s
T
E
F
S
O
M
l
a
n
r
e
t
n
i
e
h
t
o
t
y
lt
c
e
r
i
d
s
e
o
g
t
u
p
n
i
s
i
h
t
;
e
g
a
tl
o
v
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
I
2P
B
a
s
e
d
i
v
o
r
p
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
n
a
h
ti
w
d
e
n
i
b
m
o
c
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
;
n
i
p
r
o
ti
c
a
p
a
c
s
s
a
p
y
B
o
t
P
B
m
o
r
f
r
o
ti
c
a
p
a
c
F
u
1
.
0
a
t
c
e
n
n
o
C
.
y
r
ti
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
s
d
e
r
e
tl
if
.
d
n
u
o
r
g
3D
N
G.
d
n
u
o
r
g
g
o
l
a
n
A
4P
M
O
C.r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
r
o
f
n
i
p
n
o
it
a
s
n
e
p
m
o
C
5J
D
A
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
c
;
n
i
p
t
s
u
j
d
a
t
u
p
t
u
O
6M
I
L
I
r
o
f
N
I
V
o
t
M
I
L
I
t
c
e
n
n
o
c
;t
n
e
r
r
u
c
A
6
.
0
r
o
f
D
N
G
o
t
M
I
L
I
t
c
e
n
n
o
C
.t
u
p
n
i
t
c
e
l
e
s
ti
m
il
t
n
e
r
r
u
c
l
a
ti
g
i
D
.t
i
m
il
t
n
e
r
r
u
c
A
2
.
1
7M
W
P
/
C
N
Y
S
e
v
a
s
r
e
w
o
p
e
l
b
a
n
e
o
t
D
N
G
,
e
d
o
m
M
W
P
d
e
c
r
o
f
r
o
f
N
I
V
o
t
e
i
T
.t
u
p
n
i
n
o
it
a
z
i
n
o
r
h
c
n
y
s
r
o
t
a
ll
i
c
s
O
.
n
o
it
a
z
i
n
o
r
h
c
n
y
s
y
c
n
e
u
q
e
r
f
r
o
f
l
a
n
g
i
s
k
c
o
l
c
l
a
n
r
e
t
x
e
n
a
r
o
,
e
d
o
m
8N
E
s
e
c
u
d
e
r
d
n
a
e
c
i
v
e
d
e
h
t
s
e
l
b
a
s
i
d
w
o
l
a
2
9
1
C
S
e
h
t
s
e
l
b
a
n
e
t
u
p
n
i
h
g
i
h
a
;t
u
p
n
i
l
a
ti
g
i
d
e
l
b
a
n
E
.
e
c
n
a
d
e
p
m
i
h
g
i
h
s
e
m
o
c
e
b
X
L
,
n
w
o
d
t
u
h
s
n
I
.
A
u
1
.
0
o
t
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
q
9X
L.
s
T
E
F
g
n
i
h
c
ti
w
s
e
h
t
o
t
n
o
it
c
e
n
n
o
c
r
o
t
c
u
d
n
I
0
1D
N
G
P.
d
n
u
o
r
G
r
e
w
o
P
Td
a
P
l
a
m
r
e
h
T
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
R
T
L
M
I
2
9
1
C
S
3
x
3
0
1
-
D
P
L
M
T
R
T
L
M
I
2
9
1
C
S
)
2
(
B
V
E
2
9
1
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Note:
(1) Only available in tape and reel packaging. A reel contains
3000 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
MLPD-10: 3X3 10 LEAD
TOP VIEW
ILIM
ADJ
LX
EN
10
9
PGND
SYNC/PWM
8
7
6
5
1
2
3
4
VIN
BP
GND
COMP
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com