Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC192
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC192 Datasheet HTML 7Page - Semtech Corporation SC192 Datasheet HTML 8Page - Semtech Corporation SC192 Datasheet HTML 9Page - Semtech Corporation SC192 Datasheet HTML 10Page - Semtech Corporation SC192 Datasheet HTML 11Page - Semtech Corporation SC192 Datasheet HTML 12Page - Semtech Corporation SC192 Datasheet HTML 13Page - Semtech Corporation SC192 Datasheet HTML 14Page - Semtech Corporation SC192 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
© 2007 Semtech Corp.
www.semtech.com
SC192
PRELIMINARY
POWER MANAGEMENT
IN
OUT
OUT
IN
OUT
RMS
V
I
V
-
V
V
I
•
•
=
The worst case RMS ripple current occurs at a duty cycle
of 0.5 and its value at that point is
2
IOUT
.
Ceramic capacitors are recommended for input capaci-
tors because of their low ESR and high ripple current
capabilities. In addition, it is advised that the input ca-
pacitor be placed as close to the input pin of the IC as
possible.
Layout Considerations
PCB layout is of utmost importance because the switch-
ing frequency is 750kHz with peak currents over 1A. A
careful layout will avoid potential stability and EMI prob-
lems. Traces should be as wide and as short as possible.
Keep the input capacitor as close to the package as pos-
sible. This will help minimize large loop areas. Keep the
power ground and analog ground separated and tie the
two together at one common point. Notice the top cop-
per Gerber plot (see Page 8), pin 3 and pin 10 are tied
together under the package. Be aware of the high cur-
rent paths and avoid tying signal grounds to the high power
grounds where the signal paths might experience large
fluctuations in voltages as high currents pass though
copper traces.
Applications Information Cont.
Efficiency at Vin = 3.6V
80
85
90
95
100
1
10305070
90
200 400 600
Load Curre nt (mA)
Vo = 2.5V
Vo = 1.8V
Line Regulation At Iout = 300mA
0.00
0.02
0.04
0.06
0.08
0.10
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
Input Voltage (Volts)
Vo = 1.8V
Load Regulation at Vin = 3.6V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
1
20
40
60
80
100
200
300
400
500
600
Ouput Current (mA)
Vo = 1.8V
Vo = 2.5V
Efficiency at Vin = 5V
60
65
70
75
80
85
90
95
100
1
10
30
50
70
90
200
400
600
Load Current (mA)
Vo = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com